Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4360ISC8-1TRMPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4360ISC8-1TRMPBF
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360ISC8-1TRMPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4360ISC8-1TRMPBF Datasheet HTML 1Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 2Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 3Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 4Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 5Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 6Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 7Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 8Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4360-1/LTC4360-2
4
436012f
TYPICAL PERFORMANCE CHARACTERISTICS
PWRGD Voltage
vs PWRGD Current
GATE Off Propagation Delay
vs Overdrive (VOVDRV)
Normal Start-Up Sequence
GATE Slow Ramp-Up
Entering Sleep Mode (LTC4360-1)
Input Supply Current
vs Input Voltage
GATE Drive vs GATE Current
GATE Fast Pull-Down Current
vs Temperature
VIN
5V/DIV
VGATE
10V/DIV
VOUT
5V/DIV
ICABLE
0.5A/DIV
20ms/DIV
436012 G07
FIGURE 5 CIRCUIT
RIN = 150mΩ, LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
VIN
5V/DIV
VGATE
10V/DIV
VOUT
5V/DIV
ICABLE
0.5A/DIV
1ms/DIV
436012 G08
FIGURE 5 CIRCUIT
RIN = 150mΩ, LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
VON
5V/DIV
VGATE
10V/DIV
VOUT
5V/DIV
ICABLE
0.5A/DIV
50μs/DIV
436012 G09
FIGURE 5 CIRCUIT
RIN = 150mΩ, LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
VIN (V)
1
0.1
1
10
100
1000
10
436012 G01
100
VON = 2.5V
(LTC4360-1)
LTC4360-1 VON = 0V, LTC4360-2)
IGATE (μA)
VIN = 5V
VIN = 3V
VIN = 2.5V
0
0
1
2
3
7
6
5
4
8
2468
436012 G02
10
12
TEMPERATURE (°C)
–50
20
25
30
35
40
–25
0
25
50
436012 G03
75
VIN = 6V
VGATE = 9V
100
IPWRGD (mA)
0
0
200
100
300
400
500
1234
436012 G04
5
TA = 25°C, VIN = 5V, VON = 0V (LTC4360-1) unless otherwise noted.
GATE Voltage and GATE High
Threshold (for PWRGD Status)
vs Input Voltage
VIN (V)
2.5
4
5
10
9
8
7
6
11
12
3.5
3
4
4.5
5
5.5
436012 G06
6
VIN = VOUT
VGATE
VGATE(TH)
VOVDRV (V)
0
0
1
6
5
4
3
2
7
8
0.5
1
1.5
2
436012 G05
2.5
VIN = STEP 5V TO (VIN(OV) + VOVDRV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com