Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4360ISC8-1TRMPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4360ISC8-1TRMPBF
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360ISC8-1TRMPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC4360ISC8-1TRMPBF Datasheet HTML 1Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 2Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 3Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 4Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 5Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 6Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 7Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 8Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4360-1/LTC4360-2
2
436012f
Bias Supply Voltage (IN) ............................ –0.3V to 85V
Input Voltages
OUT, ON................................................... –0.3V to 9V
Output Voltages
PWRGD.................................................... –0.3V to 9V
GATE (Note 3)........................................ –0.3V to 15V
GATEP.................................................... –0.3V to 85V
IN to GATEP........................................... –0.3V to 10V
(Notes 1, 2)
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4360CSC8-1#TRMPBF
LTC4360CSC8-1#TRPBF
LDXN
8-Lead Plastic SC70
0°C to 70°C
LTC4360CSC8-2#TRMPBF
LTC4360CSC8-2#TRPBF
LDXP
8-Lead Plastic SC70
0°C to 70°C
LTC4360ISC8-1#TRMPBF
LTC4360ISC8-1#TRPBF
LDXN
8-Lead Plastic SC70
–40°C to 85°C
LTC4360ISC8-2#TRMPBF
LTC4360ISC8-2#TRPBF
LDXP
8-Lead Plastic SC70
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
LTC4360-1
LTC4360-2
IN 1
GND 2
GND 3
GND 4
8 GATE
7 OUT
6 ON
5 PWRGD
TOP VIEW
SC8 PACKAGE
8-LEAD PLASTIC SC70
TJMAX = 125°C, θJA = 270°C/W
IN 1
GND 2
GND 3
GND 4
8 GATEP
7 GATE
6 OUT
5 PWRGD
TOP VIEW
SC8 PACKAGE
8-LEAD PLASTIC SC70
TJMAX = 125°C, θJA = 270°C/W
PIN CONFIGURATION
Operating Temperature Range
LTC4360C................................................ 0°C to 70°C
LTC4360I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com