Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4360ISC8-1TRMPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4360ISC8-1TRMPBF
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360ISC8-1TRMPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC4360ISC8-1TRMPBF Datasheet HTML 1Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 2Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 3Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 4Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 5Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 6Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 7Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 8Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4360-1/LTC4360-2
3
436012f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VON = 0V (LTC4360-1) unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VIN
Input Voltage Range
l
2.5
80
V
VIN(UVL)
Input Undervoltage Lockout
VIN Rising
l
1.8
2.1
2.45
V
IIN
Input Supply Current
LTC4360-1 VON = 0V, LTC4360-2
l
220
400
μA
LTC4360-1 VON = 2.5V
l
1.5
10
μA
Thresholds
VIN(OV)
IN Pin Overvoltage Threshold
VIN Rising
l
5.684
5.8
5.916
V
ΔVOV
Overvoltage Hysteresis
l
25
100
200
mV
External Gate Drive
ΔVGATE
External N-Channel MOSFET Gate Drive
(VGATE – VOUT)
2.5V ≤ VIN < 3V, IGATE = –1μA
3V ≤ VIN < 5.5V, IGATE = –1μA
l
l
3.5
4.5
4.5
6
6
7.9
V
V
VGATE(TH)
GATE High Threshold for PWRGD Status VIN = 3.3V
VIN = 5V
l
l
5.7
6.7
6.3
7.2
6.8
7.8
V
V
IGATE(UP)
GATE Pull-Up Current
VGATE = 1V
l
–5
–10
–15
μA
VGATE(UP)
GATE Ramp-Up
VGATE = 1V to 7V
l
1.5
3
4.5
V/ms
IGATE(FST)
GATE Fast Pull-Down Current
Fast Turn-Off, VIN = 6V, VGATE = 9V
l
15
30
60
mA
IGATE(DN)
GATE Pull-Down Current
VON = 2.5V, VGATE = 9V (LTC4360-1)
l
10
40
80
μA
Input Pins
IOUT(IN)
OUT Input Current
VOUT = 5V, VON = 0V
VOUT = 5V, VON = 2.5V
l
l
510
0
20
±3
μA
μA
VON(TH)
ON Input Threshold
(LTC4360-1)
l
0.4
1.5
V
ION
ON Pull-Down Current
VON = 2.5V (LTC4360-1)
l
2.5
5
10
μA
Output Pins
VGATEP(CLP)
IN to GATEP Clamp Voltage
(LTC4360-2)
l
5
5.8
7.5
V
RGATEP
GATEP Resistive Pull-down
VGATEP = 3V (LTC4360-2)
l
0.8
2
3.2
MΩ
VPWRGD(OL)
PWRGD Output Low Voltage
VIN = 5V, IPWRGD = 3mA
l
0.23
0.4
V
RPWRGD
PWRGD Pull-Up Resistance to OUT
VIN = 6.5V, VPWRGD = 1V
l
250
500
800
kΩ
Delay
tON
GATE On Delay
VIN High to IGATE = –5μA
l
50
130
200
ms
tOFF
GATE Off Propagation Delay
VIN = Step 5V to 6.5V
l
0.25
1
μs
tPWRGD
PWRGD Delay
VIN = Step 5V to 6.5V
VGATE > VGATE(TH) to PWRGD Low
l
l
25
0.25
65
1
100
μs
ms
tON(OFF)
ON High to GATE Off
VON = Step 0V to 2.5V (LTC4360-1)
l
25
μs
Note 3: An internal clamp limits VGATE to a minimum of 4.5V above VOUT.
Driving this pin to voltages beyond this clamp may damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com