Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F707-E/ML Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16F707-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707-E/ML Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16F707-E/ML Datasheet HTML 105Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 106Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 107Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 108Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 109Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 110Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 111Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 112Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 109
PIC16F707/PIC16LF707
13.11 Timer1/3 Control Register
The Timer1/3 Control register (TxCON), shown in
Register 13-1, is used to control Timer1/3 and select
the various features of the Timer1/3 module.
REGISTER 13-1:
TxCON: TIMER1/TIMER3 CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
TMRxCS1
TMRxCS0
TxCKPS1
TxCKPS0
T1OSCEN(1)
TxSYNC
—TMRxON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
TMRxCS<1:0>: Timerx Clock Source Select bits
11 = Timerx clock source is Capacitive Sensing Oscillator (CPSxOSC)
10 = Timerx clock source is pin or oscillator:
If T1OSCEN = 0:
External clock from TxCKI pin (on the rising edge)
If T1OSCEN = 1:
Crystal oscillator on T1OSI/T1OSO pins
01 = Timerx clock source is system clock (FOSC)
00 = Timerx clock source is instruction clock (FOSC/4)
bit 5-4
TxCKPS<1:0>: Timerx Input Clock Prescale Select bits
11 = 1:8 Prescale value
10 = 1:4 Prescale value
01 = 1:2 Prescale value
00 = 1:1 Prescale value
bit 3
T1OSCEN: LP Oscillator Enable Control bit(1)
1 = Dedicated Timer1/3 oscillator circuit enabled
0 = Dedicated Timer1/3 oscillator circuit disabled
bit 2
TxSYNC: Timerx External Clock Input Synchronization Control bit
If TMRxCS<1:0> = 1X
1 = Do not synchronize external clock input
0 = Synchronize external clock input with system clock (FOSC)
If TMRxCS<1:0> = 0X
This bit is ignored. Timerx uses the internal clock when TMR1CS<1:0> = 0X.
bit 1
Unimplemented: Read as ‘0’
bit 0
TMRxON: Timerx on bit
1 = Enables Timerx
0 = Stops Timerx
Clears Timerx gate flip-flop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com