Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F707-E/ML Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC16F707-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707-E/ML Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC16F707-E/ML Datasheet HTML 107Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 108Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 109Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 110Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 111Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 112Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 113Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 114Page - Microchip Technology PIC16F707-E/ML Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 111
PIC16F707/PIC16LF707
14.0 TIMERA/B MODULES
TimerA and TimerB are two more Timer0-type
modules. Timers A and B are available as general-
purpose timers/counters, and are closely integrated
with the capacitive sensing modules.
The TimerA/B modules incorporate the following
features:
• 8-bit timer/counter register (TMRx)
• 8-bit prescaler
• Programmable internal or external clock source
• Programmable external clock edge selection
• Interrupt on overflow
• TMRA can be used to gate Timer1
• TMRB can be used to gate Timer3
Figure 14-1 is a block diagram of the TimerA/TimerB
modules.
FIGURE 14-1:
BLOCK DIAGRAM OF THE TIMERA/TIMERB PRESCALER
TxCKI
TMRxSE
pin
TMRx
TMRxPS<2:0>
Data Bus
Set Flag bit TMRxIF
on Overflow
TMRxCS
Note 1: TxXCS is in the CPSxCON0 register.
0
1
0
1
8
8
8-bit
Prescaler
FOSC/4
TMRxPSA
Sync
2 Tcy
Overflow to Timer1/3
1
0
TxXCS
From
CPSxOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com