Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC24F16KA101-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC24F16KA101-I/SP Datasheet HTML 28Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 29Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 30Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 31Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 32Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 33Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 34Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 35Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 254 page
background image
TABLE 4-4:
ICN REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CNEN1 0060
CN15IE(1)
CN14IE
CN13IE
CN12IE
CN11IE
—
CN9IE
CN8IE
CN7IE(1)
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000
CNEN2 0062
—
CN30IE
CN29IE
—
CN27IE(1)
—
—
CN24IE(1)
CN23IE
CN22IE
CN21IE
—
—
—
—CN16IE(1)
0000
CNPU1 0068 CN15PUE(1) CN14PUE CN13PUE CN12PUE
CN11PUE
—
CN9PUE
CN8PUE
CN7PUE(1) CN6PUE CN5PUE CN4PUE CN3PUE CN2PUE CN1PUE
CN0PUE
0000
CNPU2 006A
—
CN30PUE CN29PUE
—CN27PUE(1)
—
—CN24PUE(1) CN23PUE CN22PUE CN21PUE
—
—
—
—
CN16PUE(1) 0000
CNPD1 0070 CN15PDE(1) CN14PDE CN13PDE CN12PDE
CN11PDE
—
CN9PDE
CN8PDE
CN7PDE(1) CN6PDE CN5PDE CN4PDE CN3PDE CN2PDE CN1PDE
CN0PDE
0000
CNPD2 0072
—
CN30PDE CN29PDE
—CN27PDE(1)
—
—CN24PDE(1) CN23PDE CN22PDE CN21PDE
—
—
—
—
CN16PDE(1) 0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
These bits are not implemented in 20-pin devices.
TABLE 4-5:
INTERRUPT CONTROLLER REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
INTCON1 0080
NSTDIS
—
—
—
—
—
—
—
—
—
—
MATHERR ADDRERR STKERR
OSCFAIL
—
0000
INTCON2 0082
ALTIVT
DISI
—
—
—
—
—
—
—
—
—
—
—
INT2EP
INT1EP
INT0EP
0000
IFS0
0084
NVMIF
—
AD1IF
U1TXIF
U1RXIF
SPI1IF
SPF1IF
T3IF
T2IF
—
—
—
T1IF
OC1IF
IC1IF
INT0IF
0000
IFS1
0086
U2TXIF
U2RXIF
INT2IF
—
—
—
—
—
—
—
—
INT1IF
CNIF
CMIF
MI2C1IF
SI2C1IF
0000
IFS3
008A
—RTCIF
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
IFS4
008C
—
—CTMUIF
—
—
—
—HLVDIF
—
—
—
—
CRCIF
U2ERIF
U1ERIF
—
0000
IEC0
0094
NVMIE
—
AD1IE
U1TXIE
U1RXIE
SPI1IE
SPF1IE
T3IE
T2IE
—
—
—
T1IE
OC1IE
IC1IE
INT0IE
0000
IEC1
0096
U2TXIE
U2RXIE
INT2IE
—
—
—
—
—
—
—
—
INT1IE
CNIE
CMIE
MI2C1IE
SI2C1IE
0000
IEC3
009A
—RTCIE
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
IEC4
009C
—
—CTMUIE
—
—
—
—HLVDIE
—
—
—
—
CRCIE
U2ERIE
U1ERIE
—
0000
IPC0
00A4
—
T1IP2
T1IP1
T1IP0
—
OC1IP2
OC1IP1
OC1IP0
—
IC1IP2
IC1IP1
IC1IP0
—
INT0IP2
INT0IP1
INT0IP0
4444
IPC1
00A6
—
T2IP2
T2IP1
T2IP0
—
—
—
—
—
—
—
—
—
—
—
—
4444
IPC2
00A8
—
U1RXIP2 U1RXIP1 U1RXIP0
—
SPI1IP2
SPI1IP1
SPI1IP0
—
SPF1IP2
SPF1IP1
SPF1IP0
—T3IP2
T3IP1
T3IP0
4444
IPC3
00AA
—
NVMIP2
NVMIP1
NVMIP0
—
—
—
—
—
AD1IP2
AD1IP1
AD1IP0
—
U1TXIP2
U1TXIP1
U1TXIP0
4044
IPC4
00AC
—
CNIP2
CNIP1
CNIP0
—
CMIP2
CMIP1
CMIP0
—
MI2C1P2
MI2C1P1
MI2C1P0
—
SI2C1P2
SI2C1P1
SI2C1P0
4444
IPC5
00AE
—
—
—
—
—
—
—
—
—
—
—
—
—
INT1IP2
INT1IP1
INT1IP0
0004
IPC7
00B2
—
U2TXIP2 U2TXIP1 U2TXIP0
—
U2RXIP2 U2RXIP1 U2RXIP0
—
INT2IP2
INT2IP1
INT2IP0
—
—
—
—
4440
IPC15
00C2
—
—
—
—
—
RTCIP2
RTCIP1
RTCIP0
—
—
—
—
—
—
—
—
0400
IPC16
00C4
—
CRCIP2
CRCIP1
CRCIP0
—
U2ERIP2 U2ERIP1 U2ERIP0
—
U1ERIP2
U1ERIP1
U1ERIP0
—
—
—
—
4440
IPC18
00C8
—
—
—
—
—
—
—
—
—
—
—
—
—
HLVDIP2
HLVDIP1
HLVDIP0
0004
IPC19
00CA
—
—
—
—
—
—
—
—
—
CTMUIP2 CTMUIP1 CTMUIP0
—
—
—
—
0040
INTTREG 00E0
CPUIRQ
—VHOLD
—
ILR3
ILR2
ILR1
ILR0
—
VECNUM6 VECNUM5 VECNUM4 VECNUM3 VECNUM2 VECNUM1 VECNUM0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com