Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SP Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC24F16KA101-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SP Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC24F16KA101-I/SP Datasheet HTML 36Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 37Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 38Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 39Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 40Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 41Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 42Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 43Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 38
Preliminary
© 2009 Microchip Technology Inc.
TABLE 4-24:
PROGRAM SPACE ADDRESS CONSTRUCTION
FIGURE 4-5:
DATA ACCESS FROM PROGRAM SPACE ADDRESS GENERATION
Access Type
Access
Space
Program Space Address
<23>
<22:16>
<15>
<14:1>
<0>
Instruction Access
(Code Execution)
User
0
PC<22:1>
0
0xx xxxx xxxx xxxx xxxx xxx0
TBLRD/TBLWT
(Byte/Word Read/Write)
User
TBLPAG<7:0>
Data EA<15:0>
0xxx xxxx
xxxx xxxx xxxx xxxx
Configuration
TBLPAG<7:0>
Data EA<15:0>
1xxx xxxx
xxxx xxxx xxxx xxxx
Program Space Visibility
(Block Remap/Read)
User
0
PSVPAG<7:0>(2)
Data EA<14:0>(1)
0
xxxx xxxx
xxx xxxx xxxx xxxx
Note 1:
Data EA<15> is always ‘1’ in this case, but is not used in calculating the program space address. Bit 15 of
the address is PSVPAG<0>.
2:
PSVPAG can have only two values (‘00’ to access program memory and FF to access data EEPROM) on
the PIC24F16KA102 family.
0
Program Counter
23 Bits
1
PSVPAG
8 Bits
EA
15 Bits
Program Counter(1)
Select
TBLPAG
8 Bits
EA
16 Bits
Byte Select
0
0
1/0
User/Configuration
Table Operations(2)
Program Space Visibility(1)
Space Select
24 Bits
23 Bits
(Remapping)
1/0
0
Note 1:
The LSb of program space addresses is always fixed as ‘0’ in order to maintain word alignment of data in the
program and data spaces.
2:
Table operations are not required to be word-aligned. Table read operations are permitted in the configuration
memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com