Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SP Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC24F16KA101-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SP Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC24F16KA101-I/SP Datasheet HTML 55Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 56Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 57Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 58Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 59Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 60Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 61Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 62Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 57
PIC24F16KA102 FAMILY
7.0
RESETS
The Reset module combines all Reset sources and
controls the device Master Reset Signal, SYSRST. The
following is a list of device Reset sources:
• POR: Power-on Reset
•MCLR: Pin Reset
•SWR: RESET Instruction
• WDTR: Watchdog Timer Reset
• BOR: Brown-out Reset
• Low-Power BOR/Deep Sleep BOR
• TRAPR: Trap Conflict Reset
• IOPUWR: Illegal Opcode Reset
• UWR: Uninitialized W Register Reset
Figure 7-1 displays a simplified block diagram of the
Reset module.
Any active source of Reset will make the SYSRST
signal active. Many registers associated with the CPU
and peripherals are forced to a known Reset state.
Most registers are unaffected by a Reset; their status is
unknown on Power-on Reset (POR) and unchanged by
all other Resets.
All types of device Reset will set a corresponding status
bit in the RCON register to indicate the type of Reset
(see Register 7-1). A POR will clear all bits except for
the BOR and POR bits (RCON<1:0>) which are set.
The user may set or clear any bit at any time during
code execution. The RCON bits only serve as status
bits. Setting a particular Reset status bit in software will
not cause a device Reset to occur.
The RCON register also has other bits associated with
the Watchdog Timer (WDT) and device power-saving
states. The function of these bits is discussed in other
sections of this manual.
FIGURE 7-1:
RESET SYSTEM BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on Resets,
refer to the “PIC24F Family Reference
Manual”
, Section 40. “Reset with
Programmable Brown-out Reset”
.
Note:
Refer to the specific peripheral or CPU
section of this manual for register Reset
states.
Note:
The status bits in the RCON register
should be cleared after they are read so
that the next RCON register value after a
device Reset will be meaningful.
MCLR
VDD
VDD Rise
Detect
POR
Sleep or Idle
Brown-out
Reset
RESET
Instruction
WDT
Module
Glitch Filter
BOR
Trap Conflict
Illegal Opcode
Uninitialized W Register
SYSRST
BOREN<1:0>
00
01
10
11
0
RCON<SBOREN>
SLEEP
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com