Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SP Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC24F16KA101-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SP Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC24F16KA101-I/SP Datasheet HTML 80Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 81Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 82Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 83Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 84Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 85Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 86Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 87Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 82
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 8-16:
IPC3: INTERRUPT PRIORITY CONTROL REGISTER 3
U-0
R/W-1
R/W-0
R/W-0
U-0
U-0
U-0
U-0
—
NVMIP2
NVMIP1
NVMIP0
—
—
—
—
bit 15
bit 8
U-0
R/W-1
R/W-0
R/W-0
U-0
R/W-1
R/W-0
R/W-0
—
AD1IP2
AD1IP1
AD1IP0
—
U1TXIP2
U1TXIP1
U1TXIP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14-12
NVMIP<2:0>:
NVM Interrupt Priority bits
111
= Interrupt is priority 7 (highest priority interrupt)
•
•
•
001
= Interrupt is priority 1
000
= Interrupt source is disabled
bit 11-7
Unimplemented:
Read as ‘0’
bit 6-4
AD1IP<2:0>:
A/D Conversion Complete Interrupt Priority bits
111
= Interrupt is priority 7 (highest priority interrupt)
•
•
•
001
= Interrupt is priority 1
000
= Interrupt source is disabled
bit 3
Unimplemented:
Read as ‘0’
bit 2-0
U1TXIP<2:0>:
UART1 Transmitter Interrupt Priority bits
111
= Interrupt is priority 7 (highest priority interrupt)
•
•
•
001
= Interrupt is priority 1
000
= Interrupt source is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com