Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/SP Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC24F16KA101-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SP Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC24F16KA101-I/SP Datasheet HTML 99Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 100Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 101Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 102Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 103Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 104Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 105Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 106Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 101
PIC24F16KA102 FAMILY
10.0
POWER-SAVING FEATURES
The PIC24F16KA102 family of devices provides the
ability to manage power consumption by selectively
managing clocking to the CPU and the peripherals. In
general, a lower clock frequency and a reduction in the
number of circuits being clocked constitutes lower
consumed power. All PIC24F devices manage power
consumption in four different ways:
• Clock frequency
• Instruction-based Sleep, Idle and Deep Sleep
modes
• Software controlled Doze mode
• Selective peripheral control in software
Combinations of these methods can be used to
selectively tailor an application’s power consumption,
while still maintaining critical application features, such
as timing-sensitive communications.
10.1
Clock Frequency and Clock
Switching
PIC24F devices allow for a wide range of clock
frequencies to be selected under application control. If
the system clock configuration is not locked, users can
choose low-power or high-precision oscillators by simply
changing the NOSC bits. The process of changing a
system clock during operation, as well as limitations to
the process, are discussed in more detail in Section 8.0
“Oscillator Configuration”
.
10.2
Instruction-Based Power-Saving
Modes
PIC24F devices have two special power-saving modes
that are entered through the execution of a special
PWRSAV
instruction. Sleep mode stops clock operation
and halts all code execution; Idle mode halts the CPU
and code execution, but allows peripheral modules to
continue operation. Deep Sleep mode stops clock
operation, code execution and all peripherals except
RTCC and DSWDT. It also freezes I/O states and
removes power to SRAM and Flash memory.
The assembly syntax of the PWRSAV instruction is
shown in Example 10-1.
Sleep and Idle modes can be exited as a result of an
enabled interrupt, WDT time-out or a device Reset.
When the device exits these modes, it is said to
“wake-up”.
10.2.1
SLEEP MODE
Sleep mode includes these features:
• The system clock source is shut down. If an
on-chip oscillator is used, it is turned off.
• The device current consumption will be reduced
to a minimum provided that no I/O pin is sourcing
current.
• The I/O pin directions and states are frozen.
• The Fail-Safe Clock Monitor does not operate
during Sleep mode since the system clock source
is disabled.
• The LPRC clock will continue to run in Sleep
mode if the WDT or RTCC with LPRC as clock
source is enabled.
• The WDT, if enabled, is automatically cleared
prior to entering Sleep mode.
• Some device features or peripherals may
continue to operate in Sleep mode. This includes
items, such as the input change notification on the
I/O ports, or peripherals that use an external clock
input. Any peripheral that requires the system
clock source for its operation will be disabled in
Sleep mode.
The device will wake-up from Sleep mode on any of
these events:
• On any interrupt source that is individually
enabled
• On any form of device Reset
• On a WDT time-out
On wake-up from Sleep, the processor will restart with
the same clock source that was active when Sleep
mode was entered.
EXAMPLE 10-1:
PWRSAV INSTRUCTION SYNTAX
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F
Family
Reference
Manual”
,
”Section 39. Power-Saving Features
with Deep Sleep”
(DS39727).
Note:
SLEEP_MODE
and IDLE_MODE are con-
stants defined in the assembler include
file for the selected device.
PWRSAV
#SLEEP_MODE
; Put the device into SLEEP mode
PWRSAV
#IDLE_MODE
; Put the device into IDLE mode
BSET
DSCON, #DSEN
; Enable Deep Sleep
PWRSAV
#SLEEP_MODE
; Put the device into Deep SLEEP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com