Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/SP Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC24F16KA102-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/SP Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC24F16KA102-I/SP Datasheet HTML 30Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 31Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 32Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 33Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 34Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 35Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 36Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 37Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 254 page
background image
TABLE 4-9:
I2C™ REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
I2C1RCV
0200
—
—
—
—
—
—
—
—
I2C1 Receive Register
0000
I2C1TRN
0202
—
—
—
—
—
—
—
—
I2C1 Transmit Register
00FF
I2C1BRG
0204
—
—
—
—
—
—
—
I2C1 Baud Rate Generator Register
0000
I2C1CON
0206
I2CEN
—
I2CSIDL SCLREL IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
I2C1STAT
0208
ACKSTAT TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D/A
PS
R/W
RBF
TBF
0000
I2C1ADD
020A
—
—
—
—
—
—
I2C1 Address Register
0000
I2C1MSK
020C
—
—
—
—
—
—
AMSK9
AMSK8
AMSK7
AMSK6
AMSK5
AMSK4
AMSK3
AMSK2
AMSK1
AMSK0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-10:
UART REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
U1MODE
0220
UARTEN
—
USIDL
IREN
RTSMD
—
UEN1
UEN0
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL1 PDSEL0 STSEL
0000
U1STA
0222
UTXISEL1 UTXINV UTXISEL0
—
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL1
URXISEL0
ADDEN
RIDLE
PERR
FERR
OERR
URXDA
0110
U1TXREG
0224
—
—
—
—
—
—
—
UART1 Transmit Register
0000
U1RXREG
0226
—
—
—
—
—
—
—
UART1 Receive Register
0000
U1BRG
0228
Baud Rate Generator Prescaler Register
0000
U2MODE
0230
UARTEN
—
USIDL
IREN
RTSMD
—
UEN1
UEN0
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL1 PDSEL0 STSEL
0000
U2STA
0232
UTXISEL1 UTXINV UTXISEL0
—
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL1
URXISEL0
ADDEN
RIDLE
PERR
FERR
OERR
URXDA
0110
U2TXREG
0234
—
—
—
—
—
—
—
UART2 Transmit Register
0000
U2RXREG
0236
—
—
—
—
—
—
—
UART2 Receive Register
0000
U2BRG
0238
Baud Rate Generator Prescaler
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-11:
SPI REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
SPI1STAT
0240
SPIEN
—
SPISIDL
—
—
SPIBEC2 SPIBEC1 SPIBEC0
SRMPT
SPIROV SRXMPT
SISEL2
SISEL1
SISEL0
SPITBF
SPIRBF
0000
SPI1CON1
0242
—
—
—
DISSCK
DISSDO
MODE16
SMP
CKE
SSEN
CKP
MSTEN
SPRE2
SPRE1
SPRE0
PPRE1
PPRE0
0000
SPI1CON2
0244
FRMEN
SPIFSD
SPIFPOL
—
—
—
—
—
—
—
—
—
—
—
SPIFE
SPIBEN
0000
SPI1BUF
0248
SPI1 Transmit/Receive Buffer
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com