Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/SP Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC24F16KA102-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/SP Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC24F16KA102-I/SP Datasheet HTML 42Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 43Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 44Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 45Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 46Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 47Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 48Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 49Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 44
Preliminary
© 2009 Microchip Technology Inc.
5.2
RTSP Operation
The PIC24F Flash program memory array is organized
into rows of 32 instructions or 96 bytes. RTSP allows
the user to erase blocks of 1 row, 2 rows and 4 rows
(32, 64 and 128 instructions) at a time and to program
one row at a time. It is also possible to program single
words.
The 1-row (96 bytes), 2-row (192 bytes) and 4-row
(384 bytes) erase blocks and single row write block
(96 bytes) are edge-aligned, from the beginning of
program memory.
When data is written to program memory using TBLWT
instructions, the data is not written directly to memory.
Instead, data written using table writes is stored in holding
latches until the programming sequence is executed.
Any number of TBLWT instructions can be executed
and a write will be successfully performed. However,
32 TBLWT instructions are required to write the full row
of memory.
The basic sequence for RTSP programming is to set up
a Table Pointer, then do a series of TBLWT instructions to
load the buffers. Programming is performed by setting
the control bits in the NVMCON register.
Data can be loaded in any order and the holding
registers can be written to multiple times before
performing a write operation. Subsequent writes,
however, will wipe out any previous writes.
All of the table write operations are single-word writes
(two instruction cycles), because only the buffers are
written. A programming cycle is required for
programming each row.
5.3
Enhanced In-Circuit Serial
Programming
Enhanced ICSP uses an on-board bootloader, known
as the program executive, to manage the programming
process. Using an SPI data frame format, the program
executive can erase, program and verify program
memory. For more information on Enhanced ICSP, see
the device programming specification.
5.4
Control Registers
There are two SFRs used to read and write the
program Flash memory: NVMCON and NVMKEY.
The NVMCON register (Register 5-1) controls the
blocks that need to be erased, which memory type is to
be programmed and when the programming cycle
starts.
NVMKEY is a write-only register that is used for write
protection. To start a programming or erase sequence,
the user must consecutively write 55h and AAh to the
NVMKEY register. Refer to Section 5.5 “Programming
Operations”
for further details.
5.5
Programming Operations
A complete programming sequence is necessary for
programming or erasing the internal Flash in RTSP
mode. During a programming or erase operation, the
processor stalls (waits) until the operation is finished.
Setting the WR bit (NVMCON<15>) starts the
operation and the WR bit is automatically cleared when
the operation is finished.
Note:
Writing to a location multiple times without
erasing it is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com