Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/SP Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC24F16KA102-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/SP Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC24F16KA102-I/SP Datasheet HTML 94Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 95Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 96Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 97Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 98Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 99Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 100Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 101Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 96
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 9-3:
OSCTUN: FRC OSCILLATOR TUNE REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
TUN5(1)
TUN4(1)
TUN3(1)
TUN2(1)
TUN1(1)
TUN0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-6
Unimplemented:
Read as ‘0’
bit 5-0
TUN<5:0>:
FRC Oscillator Tuning bits(1)
011111
= Maximum frequency deviation
011110
·
·
·
000001
000000
= Center frequency, oscillator is running at factory calibrated frequency
111111
·
·
·
100001
100000
= Minimum frequency deviation
Note 1:
Increments or decrements of TUN<5:0> may not change the FRC frequency in equal steps over the FRC
tuning range and may not be monotonic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com