Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/SP Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC24F16KA102-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/SP Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC24F16KA102-I/SP Datasheet HTML 31Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 32Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 33Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 34Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 35Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 36Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 37Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 38Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 254 page
background image
TABLE 4-12:
PORTA REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5(1)
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISA
02C0
—
—
—
—
—
—
—
—
TRISA7(4)
TRISA6
—
TRISA4
TRISA3(5,6) TRISA2(5)
TRISA1
TRISA0
00DF
PORTA
02C2
—
—
—
—
—
—
—
—
RA7(4)
RA6
RA5
RA4(3)
RA3(5,6)
RA2(5)
RA1(2)
RA0(2)
xxxx
LATA
02C4
—
—
—
—
—
—
—
—
LATA7(4)
LATA6
—LATA4
LATA3(5,6)
LATA2(5)
LATA1
LATA0
xxxx
ODCA
02C6
—
—
—
—
—
—
—
—
ODA7(4)
ODA6
—
ODA4
ODA3(5,6)
ODA2(5)
ODA1
ODA0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Bit available only when MCLRE = 0.
2:
A read of RA1 and RA0 results in ‘0’ when debug is active on the PGC2/PGD2 pin.
3:
A read of RA4 results in ‘0’ when debug is active on the PGC3/PGD3 pin.
4:
These bits are not implemented in 20-pin devices.
5:
Bits are available only when the primary oscillator is disabled (POSCMD1:POSCMD0 = 00); otherwise read as ‘0’.
6:
Bits are available only when the primary oscillator is disabled or EC mode is selected (POSCMD1:POSCMD0 = 00 or 11) and CLKO is disabled (OSCIOFNC = 0); otherwise read as ‘0’.
TABLE 4-13:
PORTB REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISB
02C8
TRISB15
TRISB14
TRISB13
TRISB12
TRISB11(3) TRISB10(3)
TRISB9
TRISB8
TRISB7 TRISB6(3) TRISB5(3) TRISB4
TRISB3(3)
TRISB2
TRISB1
TRISB0
FFFF
PORTB 02CA
RB15
RB14
RB13
RB12
RB11(3)
RB10(3)
RB9
RB8
RB7
RB6(3)
RB5(3)
RB4(2)
RB3(3)
RB2
RB1(1)
RB0(1)
xxxx
LATB
02CC
LATB15
LATB14
LATB13
LATB12
LATB11(3)
LATB10(3)
LATB9
LATB8
LATB7
LATB6(3)
LATB5(3)
LATB4
LATB3(3)
LATB2
LATB1
LATB0
xxxx
ODCB
02CE
ODB15
ODB14
ODB13
ODB12
ODB11
ODB10
ODB9
ODB8
ODB7
ODB6
ODB5
ODB4
ODB3
ODB2
ODB1
ODB0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
A read of RB1 and RB0 results in ‘0’ when debug is active on the PGEC1/PGED1 pins.
2:
A read of RB4 results in ‘0’ when debug is active on the PGEC3/PGED3 pins.
3:
PORTB bits, 11, 10, 6, 5 and 3, are not implemented in 20-pin devices.
TABLE 4-14:
PAD CONFIGURATION REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All Resets
PADCFG1 02FC
—
—
—
—
—
—
—
—
—
—
—
SMBUSDEL OC1TRIS
RTSECSEL1
RTSECSEL0
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com