Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 157Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 158Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 159Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 160Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 161Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 162Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 163Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 164Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 159
PIC16F193X/LF193X
TABLE 15-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER0
REGISTER 15-1:
OPTION_REG: OPTION REGISTER
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS2
PS1
PS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
WPUEN: Weak Pull-up Enable bit
1
= All weak pull-ups are disabled (except MCLR, if it is enabled)
0
= Weak pull-ups are enabled by individual WPUx latch values
bit 6
INTEDG: Interrupt Edge Select bit
1
= Interrupt on rising edge of RB0/INT pin
0
= Interrupt on falling edge of RB0/INT pin
bit 5
TMR0CS: Timer0 Clock Source Select bit
1
= Transition on RA4/T0CKI pin
0
= Internal instruction cycle clock (FOSC/4)
bit 4
TMR0SE: Timer0 Source Edge Select bit
1
= Increment on high-to-low transition on RA4/T0CKI pin
0
= Increment on low-to-high transition on RA4/T0CKI pin
bit 3
PSA: Prescaler Assignment bit
1
= Prescaler is assigned to the WDT
0
= Prescaler is assigned to the Timer0 module
bit 2-0
PS<2:0>: Prescaler Rate Select bits
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
Bit Value
Timer0 Rate
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CPSCON0
CPSON
—
—
—
CPSRNG1 CPSRNG0 CPSOUT
T0XCS
180
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
73
OPTION_REG WPUEN
INTEDG TMR0CS TMR0SE
PSA
PS2
PS1
PS0
51
TMR0
Timer0 Module Register
157*
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
86
Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the
Timer0 module.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com