Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 163 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 163 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 159Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 160Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 161Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 162Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 163Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 164Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 165Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 166Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 161
PIC16F193X/LF193X
16.0
TIMER1 MODULE WITH GATE
CONTROL
The Timer1 module is a 16-bit timer/counter with the
following features:
• 16-bit timer/counter register pair (TMR1H:TMR1L)
• Programmable internal or external clock source
• 3-bit prescaler
• Dedicated LP oscillator circuit
• Optionally synchronized comparator out
• Multiple Timer1 gate (count enable) sources
• Interrupt on overflow
• Wake-up on overflow (external clock,
Asynchronous mode only)
• Time base for the Capture/Compare function
• Special Event Trigger (with CCP)
• Selectable Gate Source Polarity
• Gate Toggle Mode
• Gate Single-pulse Mode
• Gate Value Status
• Gate Event Interrupt
Figure 16-1 is a block diagram of the Timer1 module.
FIGURE 16-1:
TIMER1 BLOCK DIAGRAM
TMR1H
TMR1L
T1SYNC
T1CKPS<1:0>
Prescaler
1, 2, 4, 8
0
1
Synchronized
clock input
2
Set flag bit
TMR1IF on
Overflow
TMR1(2)
TMR1ON
Note 1: ST Buffer is high speed type when using T1CKI.
2: Timer1 register increments on rising edge.
3: Synchronize does not operate while in Sleep.
T1G
T1OSC
FOSC/4
Internal
Clock
T1OSO
T1OSI
T1OSCEN
1
0
T1CKI
TMR1CS<1:0>
(1)
Synchronize(3)
det
Sleep input
TMR1GE
0
1
00
01
10
11
T1GPOL
D
Q
CK
Q
0
1
T1GVAL
T1GTM
Single Pulse
Acq. Control
T1GSPM
T1GGO/DONE
T1GSS<1:0>
EN
OUT
10
11
00
01
FOSC
Internal
Clock
Cap. Sensing
R
D
EN
Q
Q1
RD
T1GCON
Data Bus
det
Interrupt
TMR1GIF
Set
T1CLK
FOSC/2
Internal
Clock
D
EN
Q
T1G_IN
TMR1ON
Oscillator
From Timer0
Comparator 1
Overflow
Comparator 2
SYNCC2OUT
SYNCC1OUT
To Comparator Module
To LCD and Clock Switching Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com