Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 160Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 161Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 162Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 163Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 164Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 165Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 166Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 167Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 162
Preliminary
© 2008 Microchip Technology Inc.
16.1
Timer1 Operation
The Timer1 module is a 16-bit incrementing counter
which is accessed through the TMR1H:TMR1L register
pair. Writes to TMR1H or TMR1L directly update the
counter.
When used with an internal clock source, the module is
a timer and increments on every instruction cycle.
When used with an external clock source, the module
can be used as either a timer or counter and incre-
ments on every selected edge of the external source.
Timer1 is enabled by configuring the TMR1ON and
TMR1GE bits in the T1CON and T1GCON registers,
respectively. Table 16-1 displays the Timer1 enable
selections.
16.2
Clock Source Selection
The TMR1CS<1:0> and T1OSCEN bits of the T1CON
register are used to select the clock source for Timer1.
Table 16-2 displays the clock source selections.
16.2.1
INTERNAL CLOCK SOURCE
When the internal clock source is selected the
TMR1H:TMR1L register pair will increment on multiples
of FOSC as determined by the Timer1 prescaler.
16.2.2
EXTERNAL CLOCK SOURCE
When the external clock source is selected, the Timer1
module may work as a timer or a counter.
When enabled to count, Timer1 is incremented on the
rising edge of the external clock input T1CKI or the
capacitive sensing oscillator signal. Either of these
external clock sources can be synchronized to the
microcontroller
system
clock
or
they
can
run
asynchronously.
When used as a timer with a clock oscillator, an
external 32.768 kHz crystal can be used in conjunction
with the dedicated internal oscillator circuit.
TABLE 16-1:
TIMER1 ENABLE
SELECTIONS
TMR1ON
TMR1GE
Timer1
Operation
00
Off
01
Off
10
Always On
11
Count Enabled
Note:
In Counter mode, a falling edge must be
registered by the counter prior to the first
incrementing rising edge after any one or
more of the following conditions:
• Timer1 enabled after POR
• Write to TMR1H or TMR1L
• Timer1 is disabled
• Timer1 is disabled (TMR1ON = 0)
when T1CKI is high then Timer1 is
enabled (TMR1ON=1) when T1CKI is
low.
TABLE 16-2:
CLOCK SOURCE SELECTIONS
TMR1CS1
TMR1CS0
T1OSCEN
Clock Source
01
x
System Clock (FOSC)
00
x
Instruction Clock (FOSC/4)
11
x
Capacitive Sensing Oscillator
10
0
External Clocking on T1CKI Pin
10
1
Osc.Circuit On T1OSI/T1OSO Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com