Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 125Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 126Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 127Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 128Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 129Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 130Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 131Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 132Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 127
PIC24F04KA201 FAMILY
16.3
Setting Baud Rate When
Operating as a Bus Master
To compute the Baud Rate Generator (BRG) reload
value, use Equation 16-1.
EQUATION 16-1:
COMPUTING BAUD RATE
RELOAD VALUE(1)
16.4
Slave Address Masking
The I2C1MSK register (Register 16-3) designates
address bit positions as “don’t care” for both 7-Bit and
10-Bit Addressing modes. Setting a particular bit
location (= 1) in the I2C1MSK register causes the slave
module to respond whether the corresponding address
bit value is ‘0’ or ‘1’. For example, when I2C1MSK is set
to ‘00100000’, the slave module will detect both
addresses: ‘0000000’ and ‘00100000’.
To enable address masking, the Intelligent Peripheral
Management Interface (IPMI) must be disabled by
clearing the IPMIEN bit (I2C1CON<11>).
TABLE 16-1:
I2C™ CLOCK RATES(1)
TABLE 16-2:
I2C™ RESERVED ADDRESSES(1)
I2C1BRG
FCY
FSCL
------------
FCY
10 000 000
,,
------------------------------
–
⎝⎠
⎛⎞
1
–
=
FSCL
FCY
I2C1BRG
1
FCY
10 000 000
,,
------------------------------
++
----------------------------------------------------------------------
=
or
Note 1:
Based on FCY = FOSC/2, Doze mode and
PLL are disabled.
Note:
As a result of changes in the I2C protocol,
the addresses in Table 16-2 are reserved
and will not be Acknowledged in Slave
mode. This includes any address mask
settings that include any of these
addresses.
Required
System
FSCL
FCY
I2C1BRG Value
Actual
FSCL
(Decimal)
(Hexadecimal)
100 kHz
16 MHz
157
9D
100 kHz
100 kHz
8 MHz
78
4E
100 kHz
100 kHz
4 MHz
39
27
99 kHz
400 kHz
16 MHz
37
25
404 kHz
400 kHz
8 MHz
18
12
404 kHz
400kHz
4MHz
9
9
385kHz
400kHz
2MHz
4
4
385kHz
1 MHz
16 MHz
13
D
1.026 MHz
1MHz
8MHz
6
6
1.026MHz
1MHz
4MHz
3
3
0.909MHz
Note 1:
Based on FCY = FOSC/2, Doze mode and PLL are disabled.
Slave
Address
R/W
Bit
Description
0000 000
0
General Call Address(2)
0000 000
1
Start Byte
0000 001
x
Cbus Address
0000 010
x
Reserved
0000 011
x
Reserved
0000 1xx
x
HS Mode Master Code
1111 1xx
x
Reserved
1111 0xx
x
10-Bit Slave Upper Byte(3)
Note 1:
The address bits listed here will never cause an address match, independent of the address mask settings.
2:
Address will be Acknowledged only if GCEN = 1.
3:
Match on this address can only occur on the upper byte in 10-Bit Addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com