Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 127Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 128Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 129Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 130Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 131Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 132Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 133Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 134Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 129
PIC24F04KA201 FAMILY
bit 5
ACKDT:
Acknowledge Data bit (when operating as I2C master; applicable during master receive)
Value that will be transmitted when the software initiates an Acknowledge sequence.
1
= Sends NACK during Acknowledge
0
= Sends ACK during Acknowledge
bit 4
ACKEN:
Acknowledge Sequence Enable bit
(when operating as I2C master; applicable during master receive)
1
= Initiates Acknowledge sequence on SDA1 and SCL1 pins and transmits ACKDT data bit; hardware
clear at end of master Acknowledge sequence
0
= Acknowledge sequence not in progress
bit 3
RCEN:
Receive Enable bit (when operating as I2C master)
1
= Enables Receive mode for I2C; hardware clear at end of eighth bit of master receive data byte
0
= Receive sequence not in progress
bit 2
PEN:
Stop Condition Enable bit (when operating as I2C master)
1
= Initiates Stop condition on SDA1 and SCL1 pins; hardware clear at end of master Stop sequence
0
= Stop condition not in progress
bit 1
RSEN:
Repeated Start Condition Enable bit (when operating as I2C master)
1
= Initiates Repeated Start condition on SDA1 and SCL1 pins; hardware clear at end of master
Repeated Start sequence
0
= Repeated Start condition not in progress
bit 0
SEN:
Start Condition Enable bit (when operating as I2C master)
1
= Initiates Start condition on SDA1 and SCL1 pins; hardware clear at end of master Start sequence
0
= Start condition not in progress
REGISTER 16-1:
I2C1CON: I2C1 CONTROL REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com