Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 148Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 149Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 150Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 151Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 152Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 153Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 154Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 155Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 150
Preliminary
© 2009 Microchip Technology Inc.
EQUATION 19-1:
A/D CONVERSION CLOCK PERIOD(1)
FIGURE 19-2:
10-BIT A/D CONVERTER ANALOG INPUT MODEL
Note 1:
Based on TCY = 2 * TOSC, Doze mode and PLL are disabled.
TAD = TCY • (ADCS + 1)
TAD
TCY
ADCS =
– 1
CPIN
VA
Rs
ANx
VT = 0.6V
VT = 0.6V
ILEAKAGE
RIC
≤ 250W
Sampling
Switch
RSS
CHOLD
= DAC capacitance
VSS
VDD
= 4.4 pF (Typical)
±500 nA
Legend:
CPIN
VT
ILEAKAGE
RIC
RSS
CHOLD
= Input Capacitance
= Threshold Voltage
= Leakage Current at the pin due to
= Interconnect Resistance
= Sampling Switch Resistance
= Sample/Hold Capacitance (from DAC)
various junctions
Note:
CPIN value depends on device package and is not tested. Effect of CPIN negligible if Rs
≤ 5 kΩ.
RSS
≤ 5 kΩ (Typical)
6-11 pF
(Typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com