Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 144Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 145Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 146Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 147Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 148Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 149Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 150Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 151Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 146
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 19-2:
AD1CON2: A/D CONTROL REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
U-0
VCFG2
VCFG1
VCFG0
OFFCAL(1)
—
CSCNA
—
—
bit 15
bit 8
R-0, HSC
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BUFS
—
SMPI3
SMPI2
SMPI1
SMPI0
BUFM
ALTS
bit 7
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
r = Reserved bit’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
VCFG<2:0>:
Voltage Reference Configuration bits
bit 12
OFFCAL:
Offset Calibration bit(1)
1
= Converts to get the offset calibration value
0
= Coverts to get the actual input value
bit 11
Unimplemented:
Read as ‘0’
bit 10
CSCNA:
Scan Input Selections for CH0+ S/H Input for MUX A Input Multiplexer Setting bit
1
= Scan inputs
0
= Do not scan inputs
bit 9-8
Unimplemented:
Read as ‘0’
bit 7
BUFS:
Buffer Fill Status bit (valid only when BUFM = 1)
1
= A/D is currently filling buffer, 08-0F, user should access data in 00-07
0
= A/D is currently filling buffer, 00-07, user should access data in 08-0F
bit 6
Unimplemented:
Read as ‘0’
bit 5-2
SMPI<3:0>:
Sample/Convert Sequences Per Interrupt Selection bits
1111
= Interrupts at the completion of conversion for each 16th sample/convert sequence
1110
= Interrupts at the completion of conversion for each 15th sample/convert sequence
.
.
.
0001
= Interrupts at the completion of conversion for each 2nd sample/convert sequence
0000
= Interrupts at the completion of conversion for each sample/convert sequence
bit 1
BUFM:
Buffer Mode Select bit
1
= Buffer configured as two 8-word buffers (ADC1BUFn<15:8> and ADC1BUFn<7:0>)
0
= Buffer configured as one 16-word buffer (ADC1BUFn<15:0>)
bit 0
ALTS:
Alternate Input Sample Mode Select bit
1
= Uses MUX A input multiplexer settings for first sample, then alternates between MUX B and
MUX A input multiplexer settings for all subsequent samples
0
= Always uses MUX A input multiplexer settings
Note 1:
When the OFFCAL bit is set, inputs are disconnected and tied to AVSS. This sets the inputs of the A/D to
zero. Then, the user can perform a conversion. Use of the Calibration mode is not affected by AD1PCFG
contents nor channel input selection. Any analog input switches are disconnected from the A/D converter
in this mode. The conversion result is stored by the user software and used to compensate subsequent
conversions. This can be done by adding the two’s complement of the result obtained with the OFFCAL bit
set to all normal A/D conversions.
VCFG<2:0>
VR+VR-
000
AVDD
AVSS
001
External VREF+ pin
AVSS
010
AVDD
External VREF- pin
011
External VREF+ pin
External VREF- pin
1xx
AVDD
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com