Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 141Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 142Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 143Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 144Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 145Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 146Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 147Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 148Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 143
PIC24F04KA201 FAMILY
19.0
10-BIT HIGH-SPEED A/D
CONVERTER
The 10-bit A/D Converter has the following key
features:
• Successive Approximation (SAR) conversion
• Conversion speeds of up to 500 ksps
• 9 analog input pins
• External voltage reference input pins
• Internal band gap reference inputs
• Automatic Channel Scan mode
• Selectable conversion trigger source
• 16-word conversion result buffer
• Selectable Buffer Fill modes
• Four result alignment options
• Operation during CPU Sleep and Idle modes
On all PIC24F04KA201 family devices, the 10-bit A/D
Converter has nine analog input pins, designated AN0
through AN5 and AN10 through AN12. In addition,
there are two analog input pins for external voltage
reference connections (VREF+ and VREF-). These
voltage reference inputs may be shared with other
analog input pins.
A block diagram of the A/D Converter is displayed in
Figure 19-1.
To perform an A/D conversion:
1.
Configure the A/D module:
a) Configure port pins as analog inputs and/or
select
band
gap
reference
inputs
(AD1PCFG<15:13>, AD1PCFG<9:6>).
b) Select voltage reference source to match
expected
range
on
analog
inputs
(AD1CON2<15:13>).
c)
Select the analog conversion clock to match
the desired data rate with the processor
clock (AD1CON3<7:0>).
d) Select the appropriate sample/conversion
sequence
(AD1CON1<7:5>
and
AD1CON3<12:8>).
e) Select
how
conversion
results
are
presented in the buffer (AD1CON1<9:8>).
f)
Select interrupt rate (AD1CON2<5:2>).
g) Turn on A/D module (AD1CON1<15>).
2.
Configure A/D interrupt (if required):
a) Clear the AD1IF bit.
b) Select A/D interrupt priority.
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the 10-Bit
High-Speed A/D Converter, refer to the
“PIC24F
Family
Reference
Manual”
,
Section 17. “10-Bit A/D Converter”
(DS39705).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com