Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 137Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 138Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 139Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 140Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 141Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 142Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 143Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 144Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 139
PIC24F04KA201 FAMILY
bit 5
ADDEN:
Address Character Detect bit (bit 8 of received data = 1)
1
= Address Detect mode enabled. If 9-bit mode is not selected, this does not take effect.
0
= Address Detect mode disabled
bit 4
RIDLE:
Receiver Idle bit (read-only)
1
= Receiver is Idle
0
= Receiver is active
bit 3
PERR:
Parity Error Status bit (read-only)
1
= Parity error has been detected for the current character (character at the top of the receive FIFO)
0
= Parity error has not been detected
bit 2
FERR:
Framing Error Status bit (read-only)
1
= Framing error has been detected for the current character (character at the top of the receive FIFO)
0
= Framing error has not been detected
bit 1
OERR:
Receive Buffer Overrun Error Status bit (clear/read-only)
1
= Receive buffer has overflowed
0
= Receive buffer has not overflowed (clearing a previously set OERR bit (1
→ 0 transition) will reset
the receiver buffer and the RSR to the empty state)
bit 0
URXDA:
Receive Buffer Data Available bit (read-only)
1
= Receive buffer has data; at least one more character can be read
0
= Receive buffer is empty
REGISTER 17-2:
U1STA: UART1 STATUS AND CONTROL REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com