Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 134Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 135Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 136Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 137Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 138Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 139Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 140Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 141Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 136
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 17-1:
U1MODE: UART1 MODE REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0(2)
R/W-0(2)
UARTEN
—
USIDL
IREN(1)
RTSMD
—
UEN1
UEN0
bit 15
bit 8
R/C-0, HC
R/W-0
R/W-0, HC
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL1
PDSEL0
STSEL
bit 7
bit 0
Legend:
C = Clearable bit
HC = Hardware Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
UARTEN:
UART1 Enable bit
1
= UART1 is enabled; all UART1 pins are controlled by UART1 as defined by UEN<1:0>
0
= UART1 is disabled; all UART1 pins are controlled by port latches; UART1 power consumption is
minimal
bit 14
Unimplemented:
Read as ‘0’
bit 13
USIDL:
Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12
IREN:
IrDA® Encoder and Decoder Enable bit(1)
1
= IrDA encoder and decoder enabled
0
= IrDA encoder and decoder disabled
bit 11
RTSMD:
Mode Selection for U1RTS Pin bit
1
=U1RTS pin in Simplex mode
0
=U1RTS pin in Flow Control mode
bit 10
Unimplemented:
Read as ‘0’
bit 9-8
UEN<1:0>:
UART1 Enable bits(2)
11
= U1TX, U1RX and U1BCLK pins are enabled and used; U1CTS pin controlled by port latches
10
= U1TX, U1RX, U1CTS and U1RTS pins are enabled and used
01
= U1TX, U1RX and U1RTS pins are enabled and used; U1CTS pin controlled by port latches
00
= U1TX and UxRX pins are enabled and used; U1CTS and U1RTS/U1BCLK pins controlled by port
latches
bit 7
WAKE:
Wake-up on Start Bit Detect During Sleep Mode Enable bit
1
= UART1 will continue to sample the U1RX pin; interrupt generated on falling edge, bit cleared in
hardware on following rising edge
0
= No wake-up enabled
bit 6
LPBACK:
UART1 Loopback Mode Select bit
1
= Enable Loopback mode
0
= Loopback mode is disabled
bit 5
ABAUD:
Auto-Baud Enable bit
1
= Enable baud rate measurement on the next character – requires reception of a Sync field (55h);
cleared in hardware upon completion
0
= Baud rate measurement disabled or completed
bit 4
RXINV:
Receive Polarity Inversion bit
1
= U1RX Idle state is ‘0’
0
= U1RX Idle state is ‘1’
Note 1:
This feature is only available for the 16x BRG mode (BRGH = 0).
2:
Bit availability depends on pin availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com