Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 142 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 142 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 138Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 139Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 140Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 141Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 142Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 143Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 144Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 145Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 140
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 17-3:
U1TXREG: UART1 TRANSMIT REGISTER
U-x
U-x
U-x
U-x
U-x
U-x
U-x
W-x
—
—
—
—
—
—
—UTX8
bit 15
bit 8
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
UTX7
UTX6
UTX5
UTX4
UTX3
UTX2
UTX1
UTX0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
Unimplemented:
Read as ‘0’
bit 8
UTX8:
Data of the Transmitted Character bit (in 9-bit mode)
bit 7-0
UTX<7:0>:
Data of the Transmitted Character bits
REGISTER 17-4:
U1RXREG: UART1 RECEIVE REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R-0, HSC
—
—
—
—
—
—
—URX8
bit 15
bit 8
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
URX7
URX6
URX5
URX4
URX3
URX2
URX1
URX0
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
Unimplemented:
Read as ‘0’
bit 8
URX8:
Data of the Received Character bit (in 9-bit mode)
bit 7-0
URX<7:0>:
Data of the Received Character bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com