Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 99Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 100Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 101Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 102Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 103Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 104Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 105Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 106Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 508 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS41364D-page 103
PIC16F193X/LF193X
7.5.5
PIR1 REGISTER
The PIR1 register contains the interrupt flag bits, as
shown in Register 7-5.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 7-5:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
R/W-0/0
R/W-0/0
R-0/0
R-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
TMR1GIF:
Timer1 Gate Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 6
ADIF:
A/D Converter Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 5
RCIF:
USART Receive Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 4
TXIF:
USART Transmit Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 3
SSPIF:
Synchronous Serial Port (MSSP) Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 2
CCP1IF:
CCP1 Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 1
TMR2IF:
Timer2 to PR2 Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 0
TMR1IF:
Timer1 Overflow Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com