Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 100Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 101Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 102Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 103Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 104Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 105Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 106Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 107Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 104
Preliminary
 2009 Microchip Technology Inc.
7.5.6
PIR2 REGISTER
The PIR2 register contains the interrupt flag bits, as
shown in Register 7-6.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 7-6:
PIR2: PERIPHERAL INTERRUPT REQUEST REGISTER 2
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
—
CCP2IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
OSFIF:
Oscillator Fail Interrupt Flag
1
= Interrupt is pending
0
= Interrupt is not pending
bit 6
C2IF:
Comparator C2 Interrupt Flag
1
= Interrupt is pending
0
= Interrupt is not pending
bit 5
C1IF:
Comparator C1 Interrupt Flag
1
= Interrupt is pending
0
= Interrupt is not pending
bit 4
EEIF:
EEPROM Write Completion Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 3
BCLIF:
MSSP Bus Collision Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 2
LCDIF:
LCD Module Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 1
Unimplemented:
Read as ‘0’
bit 0
CCP2IF:
CCP2 Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com