Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 117Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 118Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 119Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 120Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 121Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 122Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 123Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 124Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 508 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS41364D-page 121
PIC16F193X/LF193X
After the “BSF EECON1,WR” instruction, the processor
requires two cycles to set up the write operation. The
user must place two NOP instructions after the WR bit is
set. The processor will halt internal operations for the
typical 2 ms, only during the cycle in which the write
takes place (i.e., the last word of the block write). This
is not Sleep mode as the clocks and peripherals will
continue to run. The processor does not stall when
LWLO = 1, loading the write latches. After the write
cycle, the processor will resume operation with the third
instruction after the EECON1 write instruction.
FIGURE 11-2:
BLOCK WRITES TO FLASH PROGRAM MEMORY WITH 8 WRITE LATCHES
14
14
14
14
Program Memory
Buffer Register
EEADRL<2:0> = 000
Buffer Register
EEADRL<2:0> = 001
Buffer Register
EEADRL<2:0> = 010
Buffer Register
EEADRL<2:0> = 111
EEDATA
EEDATH
75
07
0
6
8
First word of block
to be written
Last word of block
to be written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com