Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/SP Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC16F1938-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/SP Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC16F1938-E/SP Datasheet HTML 119Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 120Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 121Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 122Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 123Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 124Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 125Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 126Page - Microchip Technology PIC16F1938-E/SP Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 508 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS41364D-page 123
PIC16F193X/LF193X
EXAMPLE 11-5:
WRITING TO FLASH PROGRAM MEMORY
; This write routine assumes the following:
; 1. The 16 bytes of data are loaded, starting at the address in DATA_ADDR
; 2. Each word of data to be written is made up of two adjacent bytes in DATA_ADDR,
;
stored in little endian format
; 3. A valid starting address (the least significant bits = 000) is loaded in ADDRH:ADDRL
; 4. ADDRH and ADDRL are located in shared data memory 0x70 - 0x7F
;
BCF
INTCON,GIE
; Disable ints so required sequences will execute properly
BANKSEL
EEADRH
; Bank 3
MOVF
ADDRH,W
; Load initial address
MOVWF
EEADRH
;
MOVF
ADDRL,W
;
MOVWF
EEADRL
;
MOVLW
LOW DATA_ADDR
; Load initial data address
MOVWF
FSR0L
;
MOVLW
HIGH DATA_ADDR ; Load initial data address
MOVWF
FSR0H
;
BSF
EECON1,EEPGD
; Point to program memory
BCF
EECON1,CFGS
; Not configuration space
BSF
EECON1,WREN
; Enable writes
BSF
EECON1,LWLO
; Only Load Write Latches
LOOP
MOVIW
INDF0++
; Load first data byte into lower
MOVWF
EEDATL
;
MOVIW
INDF0++
; Load second data byte into upper
MOVWF
EEDATH
;
MOVF
EEADRL,W
; Check if lower bits of address are '000'
XORLW
0x07
; Check if we're on the last of 8 addresses
ANDLW
0x07
;
BTFSC
STATUS,Z
; Exit if last of eight words,
GOTO
START_WRITE
;
MOVLW
55h
; Start of required write sequence:
MOVWF
EECON2
; Write 55h
MOVLW
0AAh
;
MOVWF
EECON2
; Write AAh
BSF
EECON1,WR
; Set WR bit to begin write
NOP
; Any instructions here are ignored as processor
; halts to begin write sequence
NOP
; Processor will stop here and wait for write to complete.
; After write processor continues with 3rd instruction.
INCF
EEADRL,F
; Still loading latches Increment address
GOTO
LOOP
; Write next latches
START_WRITE
BCF
EECON1,LWLO
; No more loading latches - Actually start Flash program
; memory write
MOVLW
55h
; Start of required write sequence:
MOVWF
EECON2
; Write 55h
MOVLW
0AAh
;
MOVWF
EECON2
; Write AAh
BSF
EECON1,WR
; Set WR bit to begin write
NOP
; Any instructions here are ignored as processor
; halts to begin write sequence
NOP
; Processor will stop here and wait for write complete.
; after write processor continues with 3rd instruction
BCF
EECON1,WREN
; Disable writes
BSF
INTCON,GIE
; Enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com