Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7200 Datasheet(PDF) 254 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 254 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 250Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 251Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 252Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 253Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 254Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 255Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 256Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 257Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 258Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
176
Freescale Semiconductor
Figure 11-36. Program Trace – Indirect Branch Message (History)
Figure 11-37. Program Trace – Direct Branch (Traditional) and Error Messages
Figure 11-38. Program Trace – Indirect Branch w/ Sync. Message (Traditional)
11.11.3 Data Trace
This section deals with the Data Trace mechanism supported by the A7S Nexus3 module. Data Trace is
implemented via Data Write Messaging (DWM) and Data Read Messaging (DRM), as per the IEEE-ISTO
5001 standard.
11.11.3.1 Data Trace Messaging (DTM)
Data Trace Messaging for ARM7 is accomplished by snooping the ARM7 bus, and storing the information
for qualifying accesses (based on enabled features and matching target addresses). The A7S Nexus3
module traces all data access that meet the selected range and attributes.
00
11
01
00
00
00
01
01
10
10
01
01
10
TCODE = 28
source processor = 0000
# of sequential instructions = 0
relative address = 8'ha5
branch history = 8'b10100101 (w/ stop)
10
00
MCKO
MSEO_B
MDO[1:0]
Direct Branch
Error
11
00
00
00
00
11
00
00
10
00
00
00
01
DBM:
TCODE = 3
source processor = 0000
# of sequential instructions = 3
Error:
TCODE = 8
source processor = 0000
error code = 1 (queue overrun, BTM only)
00
00
MCKO
MSEO_B
MDO[1:0]
00 11 00 00 00 11 10 11 00 11 10 10 11
TCODE = 12
source processor = 0000
# of sequential instructions = 3
full target address = 32'hdeadface
11 01 11 10 10 10 11 01
11 00
MCKO
MSEO_B
MDO[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com