Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7200 Datasheet(PDF) 256 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 256 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 252Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 253Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 254Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 255Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 256Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 257Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 258Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 259Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
178
Freescale Semiconductor
Error information is messaged out in the following format:
11.11.3.2.4
Data Trace Synchronization Messages
A Data Trace Write/Read with Sync. Message is messaged via the auxiliary port (provided Data Trace is
enabled) for the following conditions (see Table 11-40):
•
Initial Data Trace Message upon exit from system reset or whenever Data Trace is enabled will be
a synchronization message.
•
Upon returning from a Low Power state, the first Data Trace Message will be a synchronization
message.
•
Upon returning from Debug Mode, the first Data Trace Message will be a synchronization
message.
•
After occurrence of queue overrun (can be caused by any trace message), the first Data Trace
Message will be a synchronization message.
•
After the periodic data trace counter has expired indicating 255 without-sync Data Trace Messages
have occurred since the last with-sync message occurred.
•
Upon assertion of the Event In (EVTI) pin, the first Data Trace Message will be a synchronization
message if the EIC bits of the DC Register have enabled this feature.
•
Upon Data Trace Write/Read after the previous DTM Message was lost due to an attempted access
to a secure memory location (for SoCs with security).
•
Upon Data Trace Write/Read after the previous DTM Message was lost due to a collision entering
the FIFO between the DTM Message and two other higher priority messages.
Data Trace Synchronization Messages provide the full address (without leading zeros) and insure that
development tools fully synchronize with Data Trace regularly. Synchronization messages provide a
reference address for subsequent DTMs, in which only the unique portion of the Data Trace address is
transmitted. The format for Data Trace Write/Read with Sync. Messages is as follows:
Exception conditions that result in Data Trace Synchronization are summarized in Table 11-40.
(5 bits)
(4 bits)
(6 bits)
Error Code (00010 / 00111 / 01000)
Src. Proc.
TCODE (001000)
Fixed length = 15 bits
Figure 11-41. Error Message Format
(1–32 bits)
(1–32 bits)
(3 bits)
(4 bits)
(6 bits)
Data Value
Full Address
Data Size
Src. Proc.
TCODE (001101 or 001110)
Max length = 77 bits; Min length = 15 bits
Figure 11-42. Data Write/Read with Sync. Message Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com