Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9101 Datasheet(PDF) 8 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 8 Page - Sames

Back Button SA9101 Datasheet HTML 4Page - Sames SA9101 Datasheet HTML 5Page - Sames SA9101 Datasheet HTML 6Page - Sames SA9101 Datasheet HTML 7Page - Sames SA9101 Datasheet HTML 8Page - Sames SA9101 Datasheet HTML 9Page - Sames SA9101 Datasheet HTML 10Page - Sames SA9101 Datasheet HTML 11Page - Sames SA9101 Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
SA9101
sames
8/40
System Internal Highway
Signal
Pin
Input/Output/Bidirect
Function
DRO
2
O
Data Receive Out
DXI
30
I
Data Transmit In
Timeslot channels 0 - 31 to/from PCM30 interface.
Bit rate 2048 kbit/s or 4096 kbit/s selectable via microprocessor interface.
CAS Processing
Signal
Pin
Input/Output/Bidirect
Function
DRO
2
O
Data Receive Out
DXI
30
I
Data Transmit In
RCAS
35
O
Receive CAS, active high marks
reception of channel 16
TCAS
36
O
Transmit CAS, active high marks
transmission of channel 16
Test/Supervision
Signal
Pin
I nput/Output/Bidirect
Function
CHPAR
4
O
Receive Channel parity
Appears according to the related
channel (timeslot)
DFPAR
3
O
Doubleframe Parity
During a current double-frame, the
parity of the previous double-frame
appears on DFPAR
XTOP
40,
O
HDB3-coded PCM (+), PCM (-) signal
XTOM
1
O
for HDB3 diagnostic loop
RESQ
31
I
Reset (Output Disable)
Asynchronous reset signal (active low),
resets the internal circuit and switches
all outputs to high impedance state -
must be held low for minimum of 2µs
XCHPAR
33
I
Transmit channel parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com