Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9101 Datasheet(PDF) 11 Page - Sames

Part # SA9101
Description  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Datasheet(HTML) 11 Page - Sames

Back Button SA9101 Datasheet HTML 7Page - Sames SA9101 Datasheet HTML 8Page - Sames SA9101 Datasheet HTML 9Page - Sames SA9101 Datasheet HTML 10Page - Sames SA9101 Datasheet HTML 11Page - Sames SA9101 Datasheet HTML 12Page - Sames SA9101 Datasheet HTML 13Page - Sames SA9101 Datasheet HTML 14Page - Sames SA9101 Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
SA9101
sames
11/40
Figure 1.0 illustrates the operation of the receive Speech Memory:
A slip condition is detected when the Write Pointer (W) and the Read pointer (R) of the
memory are nearly coincident, i.e. the Write pointer is within the Slip Limits (S+, S-). If
a slip condition is detected, a negative slip ( the next received frame is skipped) or a
positive slip (the previous received frame is read out twice) is performed at the System
Interface, depending on the difference between RCLK and SCLK, i.e. on the position of
pointer R and W within the memory.
To reduce delay, the Receive Speech Memory can be switched to one frame length. For
correct operation, System Clock SCLK and Synchronization Pulse SYPQ have to be
derived from the Receive Route Clock RCLK and the Receive Frame Synchronous Pulse
RFSPQ (PLL application). In Single Frame Mode, however, it is not possible to perform
a slip after the slip condition has been detected.
Receive Transparent Mode
If enabled, the frame aligner does not try to synchronise on the received data if
synchronisation is lost. The AIS to the System Interface is disabled. The data appears
on the System Interface synchronised to the System Clock (SCLK) as received.
Transmit path
The PCM data is received from the system internal highway at port DXI at 2048 kbps or
4096 kbps. The channel assignment is equivalent to the receive direction. Data in invalid
timeslots will be ignored.
Latching of data is controlled by the System Clock (SCLK) and the Synchronization Pulse
(SYPQ), in conjunction with the programmed offset values of the Transmit Timeslot/
Clockslot Counters.
The Transmit Route Clock (XRCLK) is derived directly from the system clock by an
internal clock divider. Consequently, the data received from the system interface is
switched through without the need of intermediate storage.
The parity generation/checking mechanism is symmetrical to the receive path. The
channel data is checked with the channel parity information generated internally or
externally (input at port XCHPAR with selectable parity type). Errors are reported to the
microprocessor interface. To avoid difficulties with external parity generation, the parity
signal for non-speech data (TS0 and TS16) is ignored.
Transmitter
The serial bit stream is then processed by the transmitter which has the following
functions:
-
Frame/multiframe synthesis of one of the selectable framing formats
-
Insertion of service and data link information.
-
Remote Alarm generation
-
CRC generation and insertion of CRC bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com