Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KM416RD8ACD-RK70 Datasheet(PDF) 52 Page - Samsung semiconductor

Part # KM416RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 Datasheet(HTML) 52 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 48Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 49Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 50Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 51Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 52Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 53Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 54Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 55Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 56Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Page 49
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
RSL - Transmit Timing
Figure 55 is a timing diagram which shows the detailed
requirements for the RSL output signals on the Channel.
The DQA and DQB signals are outputs to transmit informa-
tion that is received by a Direct RAC on the Channel. Each
signal is driven twice per tCYCLE interval. The beginning
and end of the even transmit window is at the 75% point of
the previous cycle and at the 25% point of the current cycle.
The beginning and end of the odd transmit window is at the
25% point and at the 75% point of the current cycle. These
transmit points are measured relative to the crossing points
of the falling CTM clock edge. The size of the actual
transmit window is less than the ideal tCYCLE/2, as indicated
by the non-zero values of tQ,MIN and tQ,MAX. The tQ param-
eters are measured at the 50% voltage point of the output
transition.
The tQR and tQF rise- and fall-time parameters are measured
at the 20% and 80% points of the output transition.
Figure 55: RSL Timing - Data Signals for Transmit
tQ,MIN
tQ,MAX
tQ,MAX
tQ,MIN
0.25•t CYCLE
VQH
50%
VQL
80%
20%
VCIH
50%
VCIL
80%
20%
CTM
CTMN
tQF
tQR
even
odd
0.75•t CYCLE
0.75•t CYCLE
DQA
DQB
VCM
VX+
VX-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com