Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KM416RD8ACD-RK70 Datasheet(PDF) 58 Page - Samsung semiconductor

Part # KM416RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 Datasheet(HTML) 58 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 54Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 55Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 56Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 57Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 58Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 59Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 60Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 61Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 62Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
Page 55
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Absolute Maximum Ratings
IDD - Supply Current Profile
Table 23: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VI,ABS
Voltage applied to any RSL or CMOS pin with respect to Gnd
- 0.3
VDD+0.3
V
VDD,ABS, VDDA,ABS
Voltage on VDD and VDDA with respect to Gnd
- 0.5
VDD+1.0
V
TSTORE
Storage temperature
- 50
100
°C
Table 24: Supply Current Profile
IDD value
RDRAM blocks consuming powera
Max
-45
-800
Max
-45
-711
Max
-53.3
-600
Unit
IDD,PDN
Self-refresh only for INIT.LSR=0
3000
3000
3000
µA
IDD,NAP
T/RCLK-Nap
4
4
4
mA
IDD,STBY
T/RCLK, ROW-demux
105
100
90
mA
IDD,ATTN
T/RCLK, ROW-demux, COL-demux
165
155
140
mA
IDD,ATTN-W
T/RCLK, ROW-demux,COL-demux,DQ-demux,1
•WR-SenseAmp,
4
•ACT-Bank
575/625b
525/580
455/500
mA
IDD,ATTN-R
T/RCLK, ROW-demux,COL-demux,DQ-mux,1
•RD-SenseAmp,
4
•ACT-Bank c
490/520
450/480
400/420
mA
a. The CMOS interface consumes power in all power states.
b. x16/x18 RDRAM data width
c. This does not include the IOL sink current. The RDRAM dissipates IOL
•VOL in each output driver when a logic one is driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com