Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KM416RD8ACD-RK70 Datasheet(PDF) 28 Page - Samsung semiconductor

Part # KM416RD8ACD-RK70
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 Datasheet(HTML) 28 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 24Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 25Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 26Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 27Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 28Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 29Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 30Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 31Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 32Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Page 25
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
The second bubble type tCBUB2 is inserted (as a NOCOP
command) by the controller between a WR and RD
command on the COL pins when there is a WR-WR-RD
sequence to the same device. This bubble enables write data
to be retired from the write buffer without being lost, and is
explained in detail in Figure 18. There would be no bubble if
address c0 and address d0 were directed to different devices.
This bubble appears on the DQA and DQB pins as tDBUB2
between a write data dualoct D and read data dualoct Q. This
bubble also appears on the ROW pins as tRBUB2.
Figure 21: Interleaved Read Transaction with Two Dualoct Data Length
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
ACT a0
PREX b3
RD c2
RD c1
RD b1
RD b2
PREX a3
ACT b0
ACT c0
ACT d0
ACT e0
RD a1
RD a2
PREX z3
RD d1
ACT f0
RDd2
PREX c3
RD e1
RD e2
PREX d3
RD z1
RD z2
PREX y3
Q (b2)
Q (b1)
Q (a2)
Q (a1)
Q (c1)
Q (c2)
Q (d1)
Q (z2)
Q (z1)
Q (x2)
Q (y1)
Q (y2)
tRCD
tCAC
Transaction e can use the
same bank as transaction a
tRC
tRR
f3 = {Da,Ba+2}
Transaction f: RD
f0 = {Da,Ba+2,Rf}
f1 = {Da,Ba+2,Cf1}
f2= {Da,Ba+2,Cf2}
e3 = {Da,Ba}
Transaction e: RD
e0 = {Da,Ba,Re}
e1 = {Da,Ba,Ce1}
e2= {Da,Ba,Ce2}
d3 = {Da,Ba+6}
Transaction d: RD
d0 = {Da,Ba+6,Rd}
d1 = {Da,Ba+6,Cd1}
d2= {Da,Ba+6,Cd2}
c3 = {Da,Ba+4}
Transaction c: RD
c0 = {Da,Ba+4,Rc}
c1 = {Da,Ba+4,Cc1}
c2= {Da,Ba+4,Cc2}
b3 = {Da,Ba+2}
Transaction b: RD
b0 = {Da,Ba+2,Rb}
b1 = {Da,Ba+2,Cb1}
b2= {Da,Ba+2,Cb2}
a3 = {Da,Ba}
Transaction a: RD
a0 = {Da,Ba,Ra}
a1 = {Da,Ba,Ca1}
a2= {Da,Ba,Ca2}
z3 = {Da,Ba+6}
Transaction z: RD
z0 = {Da,Ba+6,Rz}
z1 = {Da,Ba+6,Cz1}
z2= {Da,Ba+6,Cz2}
y3 = {Da,Ba+4}
Transaction y: RD
y0 = {Da,Ba+4,Ry}
y1 = {Da,Ba+4,Cy1}
y2= {Da,Ba+4,Cy2}
Figure 22: Interleaved RRWW Sequence with Two Dualoct Data Length
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
ACT a0
MSK (b2)
WRA c2
MSK (b1)
WR c1
WR b1
MSK (y2)
WRA b2
PREX a3
D (b2)
D (b1)
ACT b0
ACT c0
ACT d0
ACT e0
RD a1
RD a2
PREX z3
Q (a2)
Q (a1)
MSK (c1)
D (c1)
NOCOP
MSK (c2)
RDd0
D (c2)
tRBUB1
RDf1
Q (z2)
Q (z1)
D (y2)
RD z1
RD z2
tCBUB1
tDBUB1
tDBUB1
tDBUB2
tCBUB2
tRBUB2
tCBUB2
NOCOP
Transaction e can use the
same bank as transaction a
f3 = {Da,Ba+2}
Transaction f: WR
f0 = {Da,Ba+2,Rf}
f1 = {Da,Ba+2,Cf1}
f2= {Da,Ba+2,Cf2}
e3 = {Da,Ba}
Transaction e: RD
e0 = {Da,Ba,Re}
e1 = {Da,Ba,Ce1}
e2= {Da,Ba,Ce2}
d3 = {Da,Ba+6}
Transaction d: RD
d0 = {Da,Ba+6,Rd}
d1 = {Da,Ba+6,Cd1}
d2= {Da,Ba+6,Cd2}
c3 = {Da,Ba+4}
Transaction c: WR
c0 = {Da,Ba+4,Rc}
c1 = {Da,Ba+4,Cc1}
c2= {Da,Ba+4,Cc2}
b3 = {Da,Ba+2}
Transaction b: WR
b0 = {Da,Ba+2,Rb}
b1 = {Da,Ba+2,Cb1}
b2= {Da,Ba+2,Cb2}
a3 = {Da,Ba}
Transaction a: RD
a0 = {Da,Ba,Ra}
a1 = {Da,Ba,Ca1}
a2= {Da,Ba,Ca2}
z3 = {Da,Ba+6}
Transaction z: RD
z0 = {Da,Ba+6,Rz}
z1 = {Da,Ba+6,Cz1}
z2= {Da,Ba+6,Cz2}
y3 = {Da,Ba+4}
Transaction y: WR
y0 = {Da,Ba+4,Ry}
y1 = {Da,Ba+4,Cy1}
y2= {Da,Ba+4,Cy2}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com