Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90438LPF Datasheet(PDF) 36 Page - fujitsu semiconductor

Part # MB90438LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90438LPF Datasheet(HTML) 36 Page - fujitsu semiconductor

Back Button MB90438LPF Datasheet HTML 32Page - fujitsu semiconductor MB90438LPF Datasheet HTML 33Page - fujitsu semiconductor MB90438LPF Datasheet HTML 34Page - fujitsu semiconductor MB90438LPF Datasheet HTML 35Page - fujitsu semiconductor MB90438LPF Datasheet HTML 36Page - fujitsu semiconductor MB90438LPF Datasheet HTML 37Page - fujitsu semiconductor MB90438LPF Datasheet HTML 38Page - fujitsu semiconductor MB90438LPF Datasheet HTML 39Page - fujitsu semiconductor MB90438LPF Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
MB90435 Series
36
DS07-13727-2E
(2) Clock Output Timing
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(3) Reset and Hardware Standby Input Timing
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
“tcp” represents one cycle time of the machine clock.
Oscillation time of oscillator is time that amplitude reached the 90
%. In the crystal oscillator, the oscillation time is
between several ms to tens of ms. In ceramic oscillator, the oscillation time is between handreds of
µs to
several ms. In the external clock, the oscillation time is 0 ns.
Any reset can not fully initialize the Flash Memory if it is performing the automatic algorithm.
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
Cycle time
tCYC
CLK
VCC
= 5 V ± 10%
62.5
⎯
ns
CLK
↑ →CLK↓
tCHCL
20
⎯
ns
Parameter
Symbol
Pin
name
Value
Units
Remarks
Min
Max
Reset input time
tRSTL
RST
4 tCP
⎯
ns
Under normal operation
Oscillation time of
oscillator
+ 4 tCP
⎯
ms
In stop mode
100
⎯µs
Pseudo timer mode
(MB90437L (S) /438L (S) )
4 tCP
⎯
ns
Pseudo timer mode
(Other than MB90437L (S)
/438L (S) )
2 tCP
⎯µs
In sub clock mode, sub
sleep mode and watch
mode
Hardware standby input time
tHSTL
HST
4 tCP
⎯
ns
Under normal operation
CLK
tCYC
2.4 V
2.4 V
0.8 V
tCHCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com