Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90438LPF Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB90438LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90438LPF Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB90438LPF Datasheet HTML 26Page - fujitsu semiconductor MB90438LPF Datasheet HTML 27Page - fujitsu semiconductor MB90438LPF Datasheet HTML 28Page - fujitsu semiconductor MB90438LPF Datasheet HTML 29Page - fujitsu semiconductor MB90438LPF Datasheet HTML 30Page - fujitsu semiconductor MB90438LPF Datasheet HTML 31Page - fujitsu semiconductor MB90438LPF Datasheet HTML 32Page - fujitsu semiconductor MB90438LPF Datasheet HTML 33Page - fujitsu semiconductor MB90438LPF Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
MB90435 Series
30
DS07-13727-2E
2.
Recommended Conditions
(VSS
= AVSS = 0.0 V)
*: Use a ceramic capacitor or a capacitor of better 4. AC characteristics. The VCC Capacitor should be greater than
this capacitor.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Value
Units
Remarks
Min
Typ
Max
Power supply voltage
VCC,
AVCC
4.5
5.0
5.5
V
Under normal operation :
MB90F439 (S) /439 (S) /V540G
3.5
5.0
5.5
V
Under normal operation :
MB90F438L (S) /437L (S) /438L (S)
3.0
⎯
5.5
V
Maintain RAM data in stop mode
Smooth capacitor
CS
0.022
0.1
1.0
µF*
Operating temperature
TA
−40
⎯+105
°C
C
CS
• C Pin Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com