Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90438LPF Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # MB90438LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90438LPF Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button MB90438LPF Datasheet HTML 24Page - fujitsu semiconductor MB90438LPF Datasheet HTML 25Page - fujitsu semiconductor MB90438LPF Datasheet HTML 26Page - fujitsu semiconductor MB90438LPF Datasheet HTML 27Page - fujitsu semiconductor MB90438LPF Datasheet HTML 28Page - fujitsu semiconductor MB90438LPF Datasheet HTML 29Page - fujitsu semiconductor MB90438LPF Datasheet HTML 30Page - fujitsu semiconductor MB90438LPF Datasheet HTML 31Page - fujitsu semiconductor MB90438LPF Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
MB90435 Series
28
DS07-13727-2E
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
(VSS
= AVSS = 0.0 V)
*1 : AVCC, AVRH, AVRL should not exceed VCC. Also, AVRH, AVRL should not exceed AVCC, and AVRL does not
exceed AVRH.
*2 : VI and VO should not exceed VCC
+ 0.3 V. VI should not exceed the specified ratings. However if the maximum
current to/from an input is limited by some means with external components, the ICLAMP rating supercedes the
VI rating.
*3 : The maximum output current is a peak value for a corresponding pin.
*4 : Average output current is an average current value observed for a 100 ms period for a corresponding pin.
*5 : Total average current is an average current value observed for a 100 ms period for all corresponding pins.
*6 :
• Applicable to pins : P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P80 to P87, P90 to P97, PA0
• Use within recommended operating conditions.
• Use at DC voltage (current) .
• The +B signal should always be applied with a limiting resistance placed between the +B signal and the
microcontroller.
• The value of the limiting resistance should be set so that when the +B signal is applied the input current to
the microcontroller pin does not exceed rated values, either instantaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input
potential may pass through the protective diode and increase the potential at the VCC pin, and this may affect
other devices.
• Note that if a +B signal is input when the microcontroller current is off (not fixed at 0 V) , the power supply is
provided from the pins, so that incomplete operation may result.
• Note that if the +B input is applied during power-on, the power supply is provided from the pins and the
resulting supply voltage may not be sufficient to operate the power-on result.
(Continued)
Parameter
Symbol
Value
Units
Remarks
Min
Max
Power supply voltage
VCC
VSS
− 0.3 VSS + 6.0
V
AVCC
VSS
− 0.3 VSS + 6.0
V
VCC
= AVCC*1
AVRH,
AVRL
VSS
− 0.3 VSS + 6.0
V
AVCC
≥ AVRH/AVRL,
AVRH
≥ AVRL*1
Input voltage
VI
VSS
− 0.3 VSS + 6.0
V
*2
Output voltage
VO
VSS
− 0.3 VSS + 6.0
V
*2
Maximum clamp current
ICLAMP
− 2.0
+ 2.0
mA
*6
Total maximum clamp current
Σ| ICLAMP |
⎯
20
mA
*6
“L” level max output current
IOL
⎯
15
mA
*3
“L” level avg. output current
IOLAV
⎯
4mA
*4
“L” level max overall output current
ΣIOL
⎯
100
mA
“L” level avg. overall output current
ΣIOLAV
⎯
50
mA
*5
“H” level max output current
IOH
⎯−15
mA
*3
“H” level avg. output current
IOHAV
⎯−4mA *4
“H” level max overall output current
ΣIOH
⎯−100
mA
“H” level avg. overall output current
ΣIOHAV
⎯−50
mA
*5
Power consumption
PD
⎯
500
mW
Flash device
⎯
400
mW
Mask ROM
Operating temperature
TA
−40
+105
°C
Storage temperature
TSTG
−55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com