Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90438LPF Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB90438LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90438LPF Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB90438LPF Datasheet HTML 14Page - fujitsu semiconductor MB90438LPF Datasheet HTML 15Page - fujitsu semiconductor MB90438LPF Datasheet HTML 16Page - fujitsu semiconductor MB90438LPF Datasheet HTML 17Page - fujitsu semiconductor MB90438LPF Datasheet HTML 18Page - fujitsu semiconductor MB90438LPF Datasheet HTML 19Page - fujitsu semiconductor MB90438LPF Datasheet HTML 20Page - fujitsu semiconductor MB90438LPF Datasheet HTML 21Page - fujitsu semiconductor MB90438LPF Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
MB90435 Series
18
DS07-13727-2E
■ BLOCK DIAGRAM
X0, X1
SOT0
SCK0
SIN0
SOT1
SCK1
SIN1
SOT2
SCK2
SIN2
AVCC
AVSS
AN0 to AN7
AVRH
AVRL
ADTG
X0A, X1A
RST
HST
F2MC 16LX
CPU
IN0 to IN5
IN6/OUT2,
IN7/OUT3
OUT0, OUT1
TIN0, TIN1
AD00 to AD15
A16 to A23
ALE
RD
WRL
WRH
HRQ
HAK
RDY
CLK
INT0 to INT7
TOT0, TOT1
PPG0 to PPG3
Clock
Controller
RAM
2 K/4 K/6 K/8 K
ROM/Flash
64K/128 K/256 K
(ROM only)
Prescaler
UART0
UART1
(SCI)
Prescaler
Serial I/O
10-bit A/D
Converter
8 ch.
Prescaler
16-bit
Free-run
Timer
16-bit Input
Capture
8 ch.
16-bit Output
Compare
4 ch.
8/16-bit
PPG
4 ch.
16-bit Reload
Timer 2 ch.
External
Bus
Interface
External
Interrupt
8 ch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com