Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F463APF Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB90F463APF
Description  16-bit Proprietary Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F463APF Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB90F463APF Datasheet HTML 35Page - fujitsu semiconductor MB90F463APF Datasheet HTML 36Page - fujitsu semiconductor MB90F463APF Datasheet HTML 37Page - fujitsu semiconductor MB90F463APF Datasheet HTML 38Page - fujitsu semiconductor MB90F463APF Datasheet HTML 39Page - fujitsu semiconductor MB90F463APF Datasheet HTML 40Page - fujitsu semiconductor MB90F463APF Datasheet HTML 41Page - fujitsu semiconductor MB90F463APF Datasheet HTML 42Page - fujitsu semiconductor MB90F463APF Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
MB90460/465 Series
DS07-13714-2E
39
Block Diagram
TMRD0*1
<TMRD1>
Reload signal
Wait signal
Count clock generation
circuit
Machine
clock
TMR0*1
<TMR1>
P15/TIN0*1
<P20/TIN1>
CLK
Gate
input
Clear
Internal
clock
Select
signal
EN
CLK
Invert
Output control circuit
To UART0 and
UART1 *1
<To the A/D
converter>
Interrupt request signal
#30 (1EH)*2
<#32 (20H)>
P16/TO0*1
<P21/TO1>
External clock
Function selection
Timer control status register (TMCSR0)*1 <TMCSR1>
3
3
2
⎯⎯
⎯
⎯ CSL1 CSL0 MOD2
F2MC-16LX Bus
16-bit reload register
16-bit timer register
Prescaler
Input
control
circuit
Pin
Pin
Valid
clock
judgment
circuit
Clock
selector
Output signal
generation
circuit
Operation
control
circuit
Reload
control circuit
MOD1MOD0 OUTE OUTL RELD
UF
INTE
CNTE TRG
*1 : This register includes channel 0 and channel 1. The register enclosed in
< and > indicates the
channel 1 register.
*2 : Interrupt number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com