Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F463APF Datasheet(PDF) 77 Page - fujitsu semiconductor

Part # MB90F463APF
Description  16-bit Proprietary Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F463APF Datasheet(HTML) 77 Page - fujitsu semiconductor

Back Button MB90F463APF Datasheet HTML 73Page - fujitsu semiconductor MB90F463APF Datasheet HTML 74Page - fujitsu semiconductor MB90F463APF Datasheet HTML 75Page - fujitsu semiconductor MB90F463APF Datasheet HTML 76Page - fujitsu semiconductor MB90F463APF Datasheet HTML 77Page - fujitsu semiconductor MB90F463APF Datasheet HTML 78Page - fujitsu semiconductor MB90F463APF Datasheet HTML 79Page - fujitsu semiconductor MB90F463APF Datasheet HTML 80Page - fujitsu semiconductor MB90F463APF Datasheet HTML 81Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
MB90460/465 Series
DS07-13714-2E
77
6.
A/D Converter Glossary
(Continued)
Resolution :
Analog changes that are identifiable with the A/D converter
Linearity error :
The deviation of the straight line connecting the zero transition point
(“00 0000 0000”
←→ “000000 0001”) with the full-scale transition point
(“11 1111 1110”
←→ “11 1111 1111”) from actual conversion characteristics
Differential linearity error : The deviation of input voltage needed to change the output code by 1 LSB from the
theoretical value
Total error :
The total error is defined as a difference between the actual value and the theoretical
value, which includes zero-transition error/full-scale transition error and linearity error.
3FF
3FE
3FD
004
003
002
001
AVss
AVR
Analog input
1.5 LSB
0.5 LSB
{1 LSB
× (N − 1) + 0.5 LSB}
Actual conversion
value
Actual conversion
value
Theoretical
characteristics
VNT
(Measured value)
Total error
Total error for digital output N
=
VNT
− {1 LSB × (N − 1) + 0.5 LSB}
[LSB]
1 LSB
1 LSB
= (Theoretical value)
AVR
− AVSS
[V]
1024
VOT (Theoretical value)
= AVSS + 0.5 LSB [V]
VFST (Theoretical value)
= AVR − 1.5 LSB [V]
VNT : Voltage at a transition of digital output from (N
− 1) to N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com