Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F463APF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90F463APF
Description  16-bit Proprietary Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F463APF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90F463APF Datasheet HTML 9Page - fujitsu semiconductor MB90F463APF Datasheet HTML 10Page - fujitsu semiconductor MB90F463APF Datasheet HTML 11Page - fujitsu semiconductor MB90F463APF Datasheet HTML 12Page - fujitsu semiconductor MB90F463APF Datasheet HTML 13Page - fujitsu semiconductor MB90F463APF Datasheet HTML 14Page - fujitsu semiconductor MB90F463APF Datasheet HTML 15Page - fujitsu semiconductor MB90F463APF Datasheet HTML 16Page - fujitsu semiconductor MB90F463APF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
MB90460/465 Series
DS07-13714-2E
13
■ I/O CIRCUIT TYPE
(Continued)
Classification
Type
Remarks
A
Main clock (main clock crystal
oscillator)
• At an oscillation feedback
resistor of approximately
1 M
Ω
B
• Hysteresis input
• Pull-up resistor
approximately 50 k
Ω
C
• CMOS output
• Hysteresis input
• Selectable pull-up resistor
approximately 50 k
Ω
•IOL
= 4 mA
• Standby control available
D
• CMOS output
• CMOS input
• Selectable pull-up resistor
approximately 50 k
Ω
• Standby control available
•IOL
= 12 mA
X1
Xout
X0
N-ch P-ch
N-ch
P-ch
Standby mode control
R
Hysteresis input
R
Pout
P-ch
Pull up control
Hysteresis input
Standby mode control
P-ch
N-ch
Nout
R
Pout
P-ch
Pull up control
CMOS input
Standby mode control
P-ch
N-ch
Nout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com