Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F463APF Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB90F463APF
Description  16-bit Proprietary Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F463APF Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB90F463APF Datasheet HTML 28Page - fujitsu semiconductor MB90F463APF Datasheet HTML 29Page - fujitsu semiconductor MB90F463APF Datasheet HTML 30Page - fujitsu semiconductor MB90F463APF Datasheet HTML 31Page - fujitsu semiconductor MB90F463APF Datasheet HTML 32Page - fujitsu semiconductor MB90F463APF Datasheet HTML 33Page - fujitsu semiconductor MB90F463APF Datasheet HTML 34Page - fujitsu semiconductor MB90F463APF Datasheet HTML 35Page - fujitsu semiconductor MB90F463APF Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
MB90460/465 Series
32
DS07-13714-2E
2.
I/O Ports
(1) Outline of I/O ports
When a data register serving for control output is read, the data output from it as a control output is read regardless
of the value in the direction register. Note that, if a read-modify-write instruction (such as a bit set instruction) is
used to preset output data in the data register when changing its setting from input to output, the data read is
not the data register latched value but the input data from the pin.
Ports 0 to 4 and 6 are input/output ports which serve as inputs when the direction register value is “0” or as
outputs when the value is “1”.
Port 5 are input/output ports as other port when ADER is 00H.
Block Diagram
• Block diagram of Port 0 pins
(Continued)
RDR
Port data register (PDR)
Resource output enable
Pull-up resistor
About 50 K
Ω
Standby control (SPL
= 1)
PDR read
PDR write
DDR write
DDR read
Port data direction register (DDR)
Output latch
Pin
Resource output
Direction
latch
Direct resource input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com