Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482BPF Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 35Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 36Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 37Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 38Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 39Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 40Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 41Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 42Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
39
3.
Expanded I/O Serial Interface
The expanded I/O serial interface is an 8-bit
× 1-channel serial I/O interface for clock synchronized data
transfer. A selection of LSB-first or MSB-first data transfer is provided.
There are two serial I/O operation modes.
(1) Register List
• Internal shift clock mode
: Data transfer is synchronized with the internal clock signal.
• External shift clock mode : Data transfer is synchronized with a clock signal input from the external clock
signal pin (SCK) . In this mode the general-purpose port that shares the external
clock signal pin (SCK) can be used for transfer according to CPU instructions.
Serial mode control status register 0/1 (SMCS0, SMCS1)
Serial data register 0/1 (SDR0, SDR1)
Communication prescaler control register 0/1 (SDCR0, SDCR1)
Initial value
Address : 000027H
00002BH
00000010B
Address : 000026H
00002AH
----0000B
Address : 000028H
00002CH
XXXXXXXXB
Address : 000029H
00002DH
0---0000B
15
14
13
12
11
10
9
8
SMD1
SMD2
SMD0
SIE
SIR
BUSY
STOP
STRT
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
76
5
4
3
2
1
0
⎯
⎯⎯
⎯
MODE
BDS
SOE
SCOE
R/W
R/W
R/W
R/W
⎯
⎯⎯
⎯
76
5
4
3
2
1
0
D6
D7
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
⎯⎯
⎯
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
⎯
R/W
MD
⎯⎯
DIV3
DIV2
DIV1
DIV0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com