Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482BPF Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 14Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 15Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 16Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 17Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 18Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 19Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 20Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 21Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 124 page
background image
MB90480B/485B Series
18
DS07-13722-11E
■ BLOCK DIAGRAM
RAM
ROM
μDMAC
8
2
X0, X1, RST
X0A, X1A
MD2, MD1, MD0
SIN0
SOT0
SCK0
SIN1, SIN2
SOT1, SOT2
SCK1, SCK2
AVCC
AVRH
AVSS
ADTG
AN0
to AN7
AIN0, AIN1
BIN0, BIN1
ZIN0, ZIN1
PPG0 to PPG5
88
8
8
8
8
8
8
8
P00
P07
P10
P17
P20
P27
P30
P37
P40
P47
P50
P57
P60
P67
P70
P77
P80
P87
8
P90
P97
4
PA0
PA3
IN0, IN1
CS0 to CS3
TIN0
TOT0
IRQ0
to IRQ7
8
SCL
SDA
EXTC
MT00
MT01
PWC0
PWC1
PWC2
Clock control
Circuit
CPU
F2MC16LX series core
Interrupt controller
8/16-bit PPG
8/16-bit
up/down
counter/timer
μPG
Chip select
Input/output timer
16-bit input capture
×
2 channels
16-bit output compare
× 6 channels
16-bit free-run timer
16-bit reload timer
I2C interface
External interrupt
UART
Extended I/O serial
interface
× 2 channels
A/D converter
( 8/10-bit )
PWC
× 3 channels
I/O port
to
to
to
to
to
to
to
to
to
to
to
Communication
prescaler
: Only MB90485B series
OUT0 to OUT5
P00 to P07 (8 pins) : with an input pull-up resistance setting register.
P10 to P17 (8 pins) : with an input pull-up resistance setting register.
P40 to P47 (8 pins) : with an open drain setting register.
P70 to P77 (8 pins) : with an open drain setting register.
MB90485B series only
• I2C pin P77 and P76 are N-ch open drain pin (without P-ch) . However, MB90V485B uses
the N-ch open drain pin (with P-ch) .
• P20 to P27, P30 to P37, P40 to P47 and P70 to P77 are also used as 3 V/5 V I/F pin.
• As for MB90V485B, input pins (PWC0, PWC1, PWC2/EXTC/SCL and SDA pins) for PWC/
μPG/I2C become CMOS input.
Note : In the above diagram, I/O ports share internal function blocks and pins. However, when a
set of pins is used with an internal module, it cannot also be used as an I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com