Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482BPF Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 24Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 25Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 26Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 27Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 28Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 29Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 30Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 31Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
MB90480B/485B Series
28
DS07-13722-11E
(Continued)
Address
Register name
Abbreviated
register
name
Read/
Write
Resource name
Initial value
88H*
Bus status register
IBSR
R
I2C
00000000B
89H*
Bus control register
IBCR
R/W
00000000B
8AH*
Clock control register
ICCR
R/W
--0XXXXXB
8BH*
Address register
IADR
R/W
-XXXXXXXB
8CH*
Data register
IDAR
R/W
XXXXXXXXB
8DH
(Reserved area)
8EH*
μPG control status register
PGCSR
R/W
μPG
00000---B
8FH to 9BH
(Disabled)
9CH
μDMAC status register lower digits
DSRL
R/W
μDMAC
00000000B
9DH
μDMAC status register upper digits
DSRH
R/W
μDMAC
00000000B
9EH
Program address detection control
status resister
PACSR
R/W
Address match
detection function
00000000B
9FH
Delayed interrupt source general/
cancel register
DIRR
R/W
Delayed interrupt
generator module
-------0B
A0H
Low-power consumption mode control
register
LPMCR
W, R/W
Low-power
consumption
00011000B
A1H
Clock select register
CKSCR
R, R/W
Low-power
consumption
11111100B
A2H, A3H
(Reserved area)
A4H
μDMAC stop status register
DSSR
R/W
μDMAC
00000000B
A5H
Automatic ready function select register
ARSR
W
External pins
0011 - -00B
A6H
External address output control register
HACR
W
External pins
********B
A7H
Bus control signal select register
EPCR
W
External pins
1000*10 -B
A8H
Watchdog timer control register
WDTC
R, W
Watchdog timer
XXXXX111B
A9H
Timebase timer control register
TBTC
W, R/W
Timebase timer
1XX00100B
AAH
Watch timer control register
WTC
R, R/W
Watch timer
10001000B
ABH
(Reserved area)
ACH
μDMAC enable register lower digits
DERL
R/W
μDMAC
00000000B
ADH
μDMAC enable register upper digits
DERH
R/W
μDMAC
00000000B
AEH
Flash memory control status register
FMCS
W, R/W
Flash memory
interface
000X0000B
AFH
(Disabled)
B0H
Interrupt control register 00
ICR00
W, R/W
Interrupt controller
XXXX0111B
B1H
Interrupt control register 01
ICR01
W, R/W
XXXX0111B
B2H
Interrupt control register 02
ICR02
W, R/W
XXXX0111B
B3H
Interrupt control register 03
ICR03
W, R/W
XXXX0111B
B4H
Interrupt control register 04
ICR04
W, R/W
XXXX0111B
B5H
Interrupt control register 05
ICR05
W, R/W
XXXX0111B
B6H
Interrupt control register 06
ICR06
W, R/W
XXXX0111B
B7H
Interrupt control register 07
ICR07
W, R/W
XXXX0111B
B8H
Interrupt control register 08
ICR08
W, R/W
XXXX0111B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com