Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482BPF Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 4Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 5Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 6Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 7Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 8Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 9Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 10Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 11Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
MB90480B/485B Series
8
DS07-13722-11E
■ PIN DESCRIPTIONS
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1
LQFP*2
82
80
X0
A
Clock (oscillator) input pin
83
81
X1
A
Clock (oscillator) output pin
80
78
X0A
A
Clock (32 kHz oscillator) input pin
79
77
X1A
A
Clock (32 kHz oscillator) output pin
77
75
RST
B
Reset input pin
85 to 92 83 to 90
P00 to P07
C
(CMOS)
This is a general purpose I/O port. A setting in the port 0 input
resistance register (RDR0) can be used to apply pull-up resistance
(RD00-RD07
= “1”) . (Disabled when pin is set for output.)
AD00 to
AD07
In multiplex mode, these pins function as the external address/data
bus low I/O pins.
D00 to D07
In non-multiplex mode, these pins function as the external data bus
low output pins.
93 to
100
91 to 98
P10 to P17
C
(CMOS)
This is a general purpose I/O port. A setting in the port 1 input
resistance register (RDR1) can be used to apply pull-up resistance
(RD10-RD17
= “1”) . (Disabled when pin is set for output.)
AD08 to
AD15
In multiplex mode, these pins function as the external address/data
bus high I/O pins.
D08 to D15
In non-multiplex mode, these pins function as the external data bus
high output pins.
1 to 4
99,100,
1, 2
P20 to P23
E
(CMOS/H)
This is a general purpose I/O port. When the bits of external address
output control register (HACR) are set to "1" in external bus mode,
these pins function as general purpose I/O ports.
A16 to A19
When the bits of external address output control register (HACR) are
set to "0" in multiplex mode, these pins function as address high
output pins (A16 to A19).
When the bits of external address output control register (HACR) are
set to "0" in non-multiplex mode, these pins function as address high
output pins (A16 to A19).
5 to 8
3 to 6
P24 to P27
E
(CMOS/H)
This is a general purpose I/O port. When the bits of external address
output control register (HACR) are set to "1" in external bus mode,
these pins function as general purpose I/O ports.
A20 to A23
When the bits of external address output control register (HACR) are
set to "0" in multiplex mode, these pins function as address high
output pins (A20 to A23).
When the bits of external address output control register (HACR) are
set to "0" in non-multiplex mode, these pins function as address high
output pins (A20 to A23).
PPG0 to
PPG3
Output pins for PPG.
97
P30
E
(CMOS/H)
This is a general purpose I/O port.
A00
In non-multiplex mode, this pin functions as an external address pin.
AIN0
8/16-bit up/down timer input pin (ch.0) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com