Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ32GA Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC24FJ32GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC24FJ32GA Datasheet HTML 21Page - Microchip Technology PIC24FJ32GA Datasheet HTML 22Page - Microchip Technology PIC24FJ32GA Datasheet HTML 23Page - Microchip Technology PIC24FJ32GA Datasheet HTML 24Page - Microchip Technology PIC24FJ32GA Datasheet HTML 25Page - Microchip Technology PIC24FJ32GA Datasheet HTML 26Page - Microchip Technology PIC24FJ32GA Datasheet HTML 27Page - Microchip Technology PIC24FJ32GA Datasheet HTML 28Page - Microchip Technology PIC24FJ32GA Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 23
PIC24FJ64GA004 FAMILY
3.0
MEMORY ORGANIZATION
As Harvard architecture devices, PIC24F micro-
controllers feature separate program and data memory
spaces and busses. This architecture also allows the
direct access of program memory from the data space
during code execution.
3.1
Program Address Space
The program address memory space of the
PIC24FJ64GA004 family devices is 4M instructions.
The space is addressable by a 24-bit value derived
from either the 23-bit Program Counter (PC) during pro-
gram execution, or from table operation or data space
remapping, as described in Section 3.3 “Interfacing
Program and Data Memory Spaces”.
User access to the program memory space is restricted
to the lower half of the address range (000000h to
7FFFFFh). The exception is the use of TBLRD/TBLWT
operations which use TBLPAG<7> to permit access to
the Configuration bits and Device ID sections of the
configuration memory space.
Memory maps for the PIC24FJ64GA004 family of
devices are shown in Figure 3-1.
FIGURE 3-1:
PROGRAM SPACE MEMORY MAP FOR PIC24FJ64GA004 FAMILY DEVICES
000000h
0000FEh
000002h
000100h
F8000Eh
F80010h
FEFFFEh
FFFFFFh
000004h
000200h
0001FEh
000104h
Reset Address
User Flash
Program Memory
(11K instructions)
DEVID (2)
GOTO Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FJ32GA
Flash Config Words
Note:
Memory areas are not shown to scale.
Reset Address
Device Config Registers
DEVID (2)
GOTO Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FJ48GA
FF0000h
F7FFFEh
F80000h
Device Config Registers
800000h
7FFFFFh
Reserved
Reserved
Flash Config Words
00AC00h
00ABFEh
Unimplemented
Read ‘0’
Unimplemented
Read ‘0’
Reset Address
Device Config Registers
User Flash
Program Memory
(22K instructions)
DEVID (2)
GOTO Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FJ64GA
Reserved
Flash Config Words
Unimplemented
Read ‘0’
Reset Address
DEVID (2)
GOTO Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FJ16GA
Flash Config Words
Device Config Registers
Reserved
Unimplemented
Read ‘0’
005800h
0057FEh
002C00h
002BFEh
User Flash
Program Memory
(5.5K instructions)
008400h
0083FEh
User Flash
Program Memory
(16K instructions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com