Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ32GA Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC24FJ32GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC24FJ32GA Datasheet HTML 86Page - Microchip Technology PIC24FJ32GA Datasheet HTML 87Page - Microchip Technology PIC24FJ32GA Datasheet HTML 88Page - Microchip Technology PIC24FJ32GA Datasheet HTML 89Page - Microchip Technology PIC24FJ32GA Datasheet HTML 90Page - Microchip Technology PIC24FJ32GA Datasheet HTML 91Page - Microchip Technology PIC24FJ32GA Datasheet HTML 92Page - Microchip Technology PIC24FJ32GA Datasheet HTML 93Page - Microchip Technology PIC24FJ32GA Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 88
Preliminary
© 2008 Microchip Technology Inc.
7.1
CPU Clocking Scheme
The system clock source can be provided by one of
four sources:
• Primary Oscillator (POSC) on the OSCI and
OSCO pins
• Secondary Oscillator (SOSC) on the SOSCI and
SOSCO pins
• Fast Internal RC (FRC) Oscillator
• Low-Power Internal RC (LPRC) Oscillator
The primary oscillator and FRC sources have the
option of using the internal 4x PLL. The frequency of
the FRC clock source can optionally be reduced by the
programmable clock divider. The selected clock source
generates the processor and peripheral clock sources.
The processor clock source is divided by two to pro-
duce the internal instruction cycle clock, FCY. In this
document, the instruction cycle clock is also denoted
by FOSC/2. The internal instruction cycle clock, FOSC/2,
can be provided on the OSCO I/O pin for some
operating modes of the primary oscillator.
7.2
Initial Configuration on POR
The oscillator source (and operating mode) that is
used at a device Power-on Reset event is selected
using Configuration bit settings. The oscillator Config-
uration bit settings are located in the Configuration
registers
in
the
program
memory
(refer
to
Section 23.1 “Configuration Bits” for further
details). The Primary Oscillator Configuration bits,
POSCMD1:POSCMD0 (Configuration Word 2<1:0>),
and the Initial Oscillator Select Configuration bits,
FNOSC2:FNOSC0
(Configuration Word 2<10:8>),
select the oscillator source that is used at a Power-on
Reset. The FRC primary oscillator with postscaler
(FRCDIV) is the default (unprogrammed) selection.
The secondary oscillator, or one of the internal
oscillators, may be chosen by programming these bit
locations.
The Configuration bits allow users to choose between
the various clock modes, shown in Table 7-1.
7.2.1
CLOCK SWITCHING MODE
CONFIGURATION BITS
The
FCKSM
Configuration
bits
(Configuration
Word 2<7:6>) are used to jointly configure device clock
switching and the Fail-Safe Clock Monitor (FSCM).
Clock switching is enabled only when FCKSM1 is
programmed (‘0’). The FSCM is enabled only when
FCKSM1:FCKSM0 are both programmed (‘00’).
TABLE 7-1:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
Oscillator Mode
Oscillator Source
POSCMD1:
POSCMD0
FNOSC2:
FNOSC0
Note
Fast RC Oscillator with Postscaler
(FRCDIV)
Internal
11
111
1, 2
(Reserved)
Internal
xx
110
1
Low-Power RC Oscillator (LPRC)
Internal
11
101
1
Secondary (Timer1) Oscillator
(SOSC)
Secondary
00
100
1
Primary Oscillator (XT) with PLL
Module (XTPLL)
Primary
01
011
Primary Oscillator (EC) with PLL
Module (ECPLL)
Primary
00
011
Primary Oscillator (HS)
Primary
10
010
Primary Oscillator (XT)
Primary
01
010
Primary Oscillator (EC)
Primary
00
010
Fast RC Oscillator with PLL Module
(FRCPLL)
Internal
11
001
1
Fast RC Oscillator (FRC)
Internal
11
000
1
Note 1:
OSCO pin function is determined by the OSCIOFCN Configuration bit.
2:
This is the default oscillator mode for an unprogrammed (erased) device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com